Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM770 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LSM770
Description  Mini TOPLED RG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSM770 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LSM770 Datasheet HTML 1Page - Siemens Semiconductor Group LSM770 Datasheet HTML 2Page - Siemens Semiconductor Group LSM770 Datasheet HTML 3Page - Siemens Semiconductor Group LSM770 Datasheet HTML 4Page - Siemens Semiconductor Group LSM770 Datasheet HTML 5Page - Siemens Semiconductor Group LSM770 Datasheet HTML 6Page - Siemens Semiconductor Group LSM770 Datasheet HTML 7Page - Siemens Semiconductor Group LSM770 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS M770-HK
LS M770-J
LS M770-K
LS M770-JM
super-red
colorless clear
2.5 ... 12.5
4.0 ... 8.0
6.3 ... 12.5
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3326
Q62703-Q3327
Q62703-Q3328
Q62703-Q3329
LO M770-HK
LO M770-J
LO M770-K
LO M770-JM
orange
colorless clear
2.5 ... 12.5
4.0 ... 8.0
6.3 ... 12.5
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3330
Q62703-Q3331
Q62703-Q3332
Q62703-Q3333
LY M770-HK
LY M770-J
LY M770-K
LY M770-JM
yellow
colorless clear
2.5 ... 12.5
4.0 ... 8.0
6.3 ... 12.5
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3334
Q62703-Q3336
Q62703-Q3335
Q62703-Q3337
LG M770-HK
LG M770-J
LG M770-K
LG M770-JM
green
colorless clear
2.5 ... 12.5
4.0 ... 8.0
6.3 ... 12.5
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3338
Q62703-Q3339
Q62703-Q3340
Q62703-Q3341
LP M770-FJ
LP M770-G
LP M770-H
LP M770-GK
pure green
colorless clear
1.0 ... 8.0
1.6 ... 3.2
2.5 ... 5.0
1.6 ... 12.5
-
8 (typ.)
12 (typ.)
-
Q62703-Q3342
Q62703-Q3343
Q62703-Q3344
Q62703-Q3345
LS M770, LO M770, LY M770
LG M770, LP M770



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com