Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT25P06L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT25P06L-TN3-R
Description  -60 V, -27.5 A P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT25P06L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT25P06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT25P06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT25P06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTT25P06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-595.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
ID=-250µA, VGS=0V
-60
V
Drain-Source Breakdown Voltage (Note 1)
BVDSS
Positive Temperature Coefficient
64
mV/°C
VGS=0V, VDS=−60V, TJ=25°C
-10
Drain-Source Leakage Current
IDSS
VGS=0V, VDS=−60V, TJ=150°C
-100
µA
Forward
VGS=+15V, VDS=0V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-15V, VDS=0V
-100
nA
ON CHARACTERISTICS
(Note 1)
VDS=VGS, ID=-250µA
-2.0
-2.8
-4.0
V
Gate Threshold Voltage
VGS(TH)
Negative Threshold Temperature
Coefficient
6.2
mV/°C
VGS=-10V, ID=-12.5A
0.065 0.075
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-25A
0.070 0.082
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
1200 1680
pF
Output Capacitance
COSS
345 480
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-25V, f=1.0MHz
90
180
pF
SWITCHING PARAMETERS
(Note 1, 2)
Total Gate Charge
QG
33
50
nC
Gate to Source Charge
QGS
6.5
nC
Gate to Drain Charge
QGD
VGS=-10V, VDS=-48V, ID=-25A
15
nC
Turn-ON Delay Time
tD(ON)
14
24
ns
Rise Time
tR
72
118
ns
Turn-OFF Delay Time
tD(OFF)
43
68
ns
Fall-Time
tF
VDD=-30V, ID=-25A, VGS=-10V,
RG=9.1Ω
190
320
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(Note 3)
IS=-25A, VGS=0V
-1.8
-2.5
Drain-Source Diode Forward Voltage
VSD
IS=-25 A, VGS=0V, TJ=150°C
-1.4
V
Body Diode Reverse Recovery Time
tRR
IS=-25A, VGS=0V, dlS/dt=100A/µs
70
ns
Body Diode Reverse Recovery Charge
QRR
0.2
µC
Notes: 1. Indicates Pulse Test: Pulse Width≤300µs, Duty Cycle≤2%.
2. Switching characteristics are independent of operating junction temperatures.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com