Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT25P06L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT25P06L-TN3-R
Description  -60 V, -27.5 A P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT25P06L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT25P06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT25P06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT25P06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT25P06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-595.a
−60 V, −27.5 A P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT25P06 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed and a minimum on-state resistance, and it can also withstand
high energy in the avalanche.
This UTC UTT25P06 is suitable for power supplies, converters,
PWM motor controls and bridge circuits, etc.
FEATURES
* VDS = -60V
* ID = -27.5A
* RDS(ON)=0.065Ω @ VGS=-10V, ID=-12.5A;
* RDS(ON)=0.070Ω @ VGS=-10V, ID=-25A
* High Switching Speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT25P06L-TN3-R
UTT25P06G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT25P06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT25P06L-TN3-R UTC-UTT25P06L-TN3-R Datasheet
219Kb / 5P
P-CHANNEL POWER MOSFET
More results

Similar Description - UTT25P06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB25P06 ONSEMI-NTB25P06 Datasheet
56Kb / 6P
Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
P-Channel 60-V MOSFET
VER 1.1
logo
ON Semiconductor
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NVMFS5C680NL ONSEMI-NVMFS5C680NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 ??Rev. 0
NVMFS5113PL ONSEMI-NVMFS5113PL_V01 Datasheet
189Kb / 7P
MOSFET ??Power, Single P-Channel -60 V, 14 m, -64 A
July, 2019 ??Rev. 3
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
logo
Nexperia B.V. All right...
BUK6Y33-60P NEXPERIA-BUK6Y33-60P Datasheet
247Kb / 13P
60 V, P-channel Trench MOSFET
21 January 2021
PMV100EPA NEXPERIA-PMV100EPA Datasheet
280Kb / 14P
60 V, P-channel Trench MOSFET
16 April 2020
PSMP033-60YE NEXPERIA-PSMP033-60YE Datasheet
274Kb / 15P
60 V, P-channel Trench MOSFET
13 January 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com