Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N05G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT30N05G-TN3-R
Description  30A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N05G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT30N05G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30N05G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30N05G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT30N05
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-660.a
30A, 50V N-CHANNEL
ENHANCEMENT MODE POWER
MOSFET TRANSISTOR
DESCRIPTION
The UTC UTT30N05 is an N-channel enhancement power
MOSFET using UTC’s advanced technology to provide the
customers with perfect RDS(ON), high switching speed, high current
capacity and low gate charge.
The UTC UTT30N05 is suitable for motor control, AC-DC or
DC-DC converters and audio amplifiers, etc.
FEATURES
* RDS(ON)=32mΩ @ VGS=10V,ID=15A
* High Switching Speed
* High Current Capacity
* Low Gate Charge(typical 20nC)
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT30N05L-TN3-R
UTT30N05G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT30N05G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N06 UTC-UTT30N06 Datasheet
302Kb / 8P
30A, 60V N-CHANNEL POWER MOSFET
UTT30N06G-TA3-T UTC-UTT30N06G-TA3-T Datasheet
302Kb / 8P
30A, 60V N-CHANNEL POWER MOSFET
UTT30N06G-TN3-R UTC-UTT30N06G-TN3-R Datasheet
302Kb / 8P
30A, 60V N-CHANNEL POWER MOSFET
UTT30N06L-TA3-T UTC-UTT30N06L-TA3-T Datasheet
302Kb / 8P
30A, 60V N-CHANNEL POWER MOSFET
UTT30N06L-TN3-R UTC-UTT30N06L-TN3-R Datasheet
302Kb / 8P
30A, 60V N-CHANNEL POWER MOSFET
More results

Similar Description - UTT30N05G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05 Datasheet
176Kb / 6P
36A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT50N05 UTC-UTT50N05 Datasheet
135Kb / 3P
50A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT60N05 UTC-UTT60N05 Datasheet
134Kb / 3P
60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Cystech Electonics Corp...
MTN002N05Y3 CYSTEKEC-MTN002N05Y3 Datasheet
344Kb / 8P
50V N-CHANNEL Enhancement Mode MOSFET
BSS138C3 CYSTEKEC-BSS138C3 Datasheet
323Kb / 8P
50V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF_15 Datasheet
353Kb / 6P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com