Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N06L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT30N06L-TN3-R
Description  30A, 60V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N06L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT30N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 7Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTT30N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-637.A
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
TC = 25°C
30
A
Continuous
TC = 100°C
ID
21.3
A
Drain Current
Pulsed (Note 1)
IDM
120
A
Single Pulsed (Note 2)
EAS
300
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
8
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
7.5
V/ns
TO-220
89
Power Dissipation
TO-252
PD
44
W
Junction Temperature
TJ
+150
°C
Operation Temperature
TOPR
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
1. Repeativity rating: pulse width limited by junction temperature
2. L=0.66mH, IAS=30A, VDD=25V, RG=20Ω, Starting TJ=25°C
3. ISD≤50A, di/dt≤300A/μs, VDD≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
62
Junction to Ambient
TO-252
θJA
50
°C/W
TO-220
1.4
Junction to Case
TO-252
θJC
2.85
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com