Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N06L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT30N06L-TN3-R
Description  30A, 60V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N06L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT30N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 7Page - Unisonic Technologies UTT30N06L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT30N06
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-637.A
30A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT30N06 is a low voltage power MOSFET and is
designed to have better characteristics, such as fast switching time,
low gate charge, low on-state resistance and excellent avalanche
characteristics. This power MOSFET is usually used in automotive
applications of power supplies, high efficient DC to DC converters
and battery operated products.
FEATURES
* RDS(ON) = 40mΩ@VGS = 10 V
* Ultra low gate charge ( typical 20 nC )
* Low reverse transfer Capacitance ( CRSS = typical 80 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT30N06L-TN3-R
UTT30N06G-TN3-R
TO-252
G
D
S
Tape Reel
UTT30N06L-TA3-T
UTT30N06G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT30N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT30N06L-TN3-R VBSEMI-UTT30N06L-TN3-R Datasheet
898Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - UTT30N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NE06L STMICROELECTRONICS-STB30NE06L Datasheet
47Kb / 6P
N - CHANNEL 60V - 0.35ohm - 30A - D2PAK STripFET] POWER MOSFET
Mar-1999
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
Jul-1998
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
May-1999
logo
Unisonic Technologies
30N06 UTC-30N06_11 Datasheet
309Kb / 8P
60V, 30A N-CHANNEL POWER MOSFET
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
60V, 30A P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P30FE6SLK SHINDENGEN-P30FE6SLK Datasheet
1Mb / 7P
Power MOSFETs 60V, 30A, N-channel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com