Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30P04G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT30P04G-TN3-R
Description  40A, 21V P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30P04G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT30P04G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30P04G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30P04G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTT30P04
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-613.a
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-40
V
VDS=-32V, VGS=0V
1
Drain-Source Leakage Current
IDSS
VDS=-30V, VGS=0V, TJ=125°C
10
µA
Gate- Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±250 nA
On-State Drain Current (Note 1)
ID(ON)
VDS=-5V, VGS=-10V
-70
A
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1
-2.5
-3
V
VGS=-5V, ID=-8A
65
73
VGS=-7V, ID=-8A
35
50
Static Drain-Source On-State
Resistance (Note 1)
RDS(ON)
VGS=-10V, ID=-10A
30
40
mΩ
Forward Transconductance (Note 1)
gFS
VDS=-10V, ID=-10A
20
S
Gate Resistance
RG
VGS=0V, VDS=0V, f=1.0MHz
4.95
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
1090
Output Capacitance
COSS
175
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-20V, f=1.0MHz
91
pF
SWITCHING PARAMETERS
(Note 2)
QG (VGS=-10V)
17
Total Gate Charge
QG (VGS=-4.5V)
8.5
Gate to Source Charge
QGS
5.5
Gate to Drain Charge
QGD
VDS=0.5V(BR)DSS, ID=-18A
3
nC
Turn-ON Delay Time
tD(ON)
6
ns
Rise Time
tR
16
ns
Turn-OFF Delay Time
tD(OFF)
26
ns
Fall-Time
tF
VGS=-10V, VDS=-20V, ID≈-10A,
RGS=6Ω, RL=2Ω
10
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Continuous Current
IS
-21
A
Drain-Source Diode Forward Voltage
1
VSD
IF=-10A, VGS=0V
-1.2
V
Reverse Recovery Time
tRR
15.5
ns
Reverse Recovery Charge
QRR
IF=-10A, dIF/dt=100A/µs
7.9
nC
Note: 1. Pulsde test: Pulse width ≤300µsec, duty cycle ≤2%.
2. Independent of operating temperature.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com