Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30P04G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT30P04G-TN3-R
Description  40A, 21V P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30P04G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT30P04G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30P04G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30P04G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT30P04
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-613.a
40A, 21V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT30P04 is a P-channel power MOSFET providing
customers with fast switching, ruggedized device design, low
on-resistance
and
cost-effectiveness
by
UTC’s
advanced
technology.
FEATURES
* Low on-Resistance
* Fast Switching Speed
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT30P04L-TN3-R
UTT30P04G-TN3-R
TO-252
G
D
S
Tape Reel
Note: G:Gate, D:Drain, S:Source


Similar Part No. - UTT30P04G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
60V, 30A P-CHANNEL POWER MOSFET
UTT30P06G-TA3-T UTC-UTT30P06G-TA3-T Datasheet
135Kb / 3P
60V, 30A P-CHANNEL POWER MOSFET
UTT30P06G-TA3-T UTC-UTT30P06G-TA3-T Datasheet
245Kb / 4P
P-CHANNEL POWER MOSFET
UTT30P06G-TM3-T UTC-UTT30P06G-TM3-T Datasheet
245Kb / 4P
P-CHANNEL POWER MOSFET
UTT30P06G-TN3-R UTC-UTT30P06G-TN3-R Datasheet
245Kb / 4P
P-CHANNEL POWER MOSFET
More results

Similar Description - UTT30P04G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT45N03 UTC-UT45N03 Datasheet
247Kb / 5P
40A, 25V N-CHANNEL POWER MOSFET
UTT40N03 UTC-UTT40N03 Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
40N15 UTC-40N15 Datasheet
151Kb / 3P
40A, 150V N-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com