Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50N05G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT50N05G-TN3-R
Description  50A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50N05G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT50N05G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT50N05G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT50N05G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT50N05
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-663.a
50A, 50V N-CHANNEL
ENHANCEMENT MODE POWER
MOSFET TRANSISTOR
DESCRIPTION
The UTC UTT50N05 is an N-channel enhancement power
MOSFET using UTC’s advanced technology to provide the
customers with perfect RDS(ON), high switching speed, high current
capacity and low gate charge.
The UTC UTT50N05 is suitable for motor control, AC-DC or
DC-DC converters and audio amplifiers, etc.
FEATURES
* RDS(ON)=18mΩ @ VGS=10V,ID=20A
* High Switching Speed
* High Current Capacity
* Low Gate Charge(typical 30nC)
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT50N05L-TN3-R
UTT50N05G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT50N05G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT50N06 UTC-UTT50N06 Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
UTT50N06G-TA3-T UTC-UTT50N06G-TA3-T Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
UTT50N06G-TN3-R UTC-UTT50N06G-TN3-R Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
UTT50N06G-TN3-T UTC-UTT50N06G-TN3-T Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
UTT50N06H UTC-UTT50N06H Datasheet
654Kb / 8P
50A, 60V N-CHANNEL FAST SWITCHING MOSFET
More results

Similar Description - UTT50N05G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N05 UTC-UTT30N05 Datasheet
135Kb / 3P
30A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT36N05 UTC-UTT36N05 Datasheet
176Kb / 6P
36A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT60N05 UTC-UTT60N05 Datasheet
134Kb / 3P
60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Jiangsu Donghai Semicon...
50N06 WXDH-50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
B50N06 WXDH-B50N06 Datasheet
812Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
D50N06 WXDH-D50N06 Datasheet
807Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
E50N06 WXDH-E50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
F50N06 WXDH-F50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
I50N06 WXDH-I50N06 Datasheet
807Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
logo
DACO SEMICONDUCTOR CO.,...
DAMH50N500H DACO-DAMH50N500H Datasheet
334Kb / 5P
N-Channel Enhancement Mode Power MOSFET 500V / 50A
June 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com