Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1708 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1708
Description  i4-PAC??DC Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1708 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1708 Datasheet HTML 1Page - Clare, Inc. CPC1708 Datasheet HTML 2Page - Clare, Inc. CPC1708 Datasheet HTML 3Page - Clare, Inc. CPC1708 Datasheet HTML 4Page - Clare, Inc. CPC1708 Datasheet HTML 5Page - Clare, Inc. CPC1708 Datasheet HTML 6Page - Clare, Inc. CPC1708 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
R04
www.clare.com
2
CPC1708
1
Specifications
1.1 Absolute Maximum Ratings @ 25°C
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.2 Electrical Characteristics @ 25°C
1 Higher load currents possible with proper heat sinking.
2 Measurement taken within 1 second of on-time.
3 For applications requiring high temperature operation (> 60ºC) a LED drive current of 20mA is recommended.
Symbol
Ratings
Units
Blocking Voltage
60
VP
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation
150
mW
Isolation Voltage, Input to Output
2500
Vrms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Output Characteristics
Load Current 1
Peak
t
≤10ms
IL
--
30
AP
Continuous
No Heat Sink
4
Continuous
TC=25°C
24
ADC
Continuous
TC=99°C
IL(99)
5.35
On-Resistance 2
IF=10mA, IL=1A
RON
-
0.05
0.08
Ω
Off-State Leakage Current
VL=60VP
ILEAK
--
1
μA
Switching Speeds
Turn-On
IF=20mA, VL=10V
ton
-5
20
ms
Turn-Off
toff
-0.13
5
Output Capacitance
VL=25V, f=1MHz
Cout
-
1250
-
pF
Input Characteristics
Input Control Current 3
IL=1A
IF
--
10
mA
Input Dropout Current
-
IF
0.6
-
-
mA
Input Voltage Drop
IF=5mA
VF
0.9
1.2
1.4
V
Reverse Input Current
VR=5V
IR
--
10
μA
Input/Output Characteristics
Capacitance, Input-to-Output
-
CI/O
-1-
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com