Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1708 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC1708
Description  i4-PAC??DC Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1708 Datasheet(HTML) 6 Page - Clare, Inc.

  CPC1708 Datasheet HTML 1Page - Clare, Inc. CPC1708 Datasheet HTML 2Page - Clare, Inc. CPC1708 Datasheet HTML 3Page - Clare, Inc. CPC1708 Datasheet HTML 4Page - Clare, Inc. CPC1708 Datasheet HTML 5Page - Clare, Inc. CPC1708 Datasheet HTML 6Page - Clare, Inc. CPC1708 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
R04
www.clare.com
6
CPC1708
4
Manufacturing Information
4.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. Clare classified
all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint
industry standard, IPC/JEDEC J-STD-020, in force at the time of product evaluation. We test all of our
products to the maximum conditions set forth in the standard, and guarantee proper operation of our
devices when handled according to the limitations and information in that standard as well as to any limitations set
forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to
the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
4.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard
JESD-625.
4.3 Reflow Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of
J-STD-020 must be observed.
4.4 Board Wash
Clare recommends the use of no-clean flux formulations. However, board washing to remove flux residue is
acceptable. Since Clare employs the use of silicone coating as an optical waveguide in many of its optically isolated
products, the use of a short drying bake could be necessary if a wash is used after solder reflow processes.
Chlorine-based or Fluorine-based solvents or fluxes should not be used. Cleaning methods that employ ultrasonic
energy should not be used.
Device
Moisture Sensitivity Level (MSL) Rating
CPC1708J
MSL 1
Device
Maximum Temperature x Time
CPC1708J
245°C for 30 seconds
e3
RoHS
2002/95/EC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com