Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1906 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1906
Description  Power SIP OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1906 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1906 Datasheet HTML 1Page - Clare, Inc. CPC1906 Datasheet HTML 2Page - Clare, Inc. CPC1906 Datasheet HTML 3Page - Clare, Inc. CPC1906 Datasheet HTML 4Page - Clare, Inc. CPC1906 Datasheet HTML 5Page - Clare, Inc. CPC1906 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPC1906
www.clare.com
3
R06
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, TA=25ºC)
3.0
4.0
5.0
2.5
3.5
4.5
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=10mA, IL=5mADC, TA=25ºC)
0.033
0.042
0.050
0.033
0.037
0.046
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=10mA, IL=5mADC, TA=25ºC)
35
30
25
20
15
10
5
0
0.103
0.104
0.105
0.107
0.106
0.108
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
66
68
70
67
69
71
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=10mA
I
F=20mA
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
LED Forward Current (mA)
0
5
1015202530354045
50
Typical Turn-On
vs. LED Forward Current
(I
L=100mADC)
4.0
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
LED Forward Current (mA)
0
5
1015202530354045
50
Typical Turn-Off
vs. LED Forward Current
(I
L=100mADC)
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-40
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-On vs. Temperature
(I
F=10mA, IL=100 mADC)
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
-40
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-Off vs. Temperature
(I
F=10mA, IL=100 mADC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com