Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1906 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1906
Description  Power SIP OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1906 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1906 Datasheet HTML 1Page - Clare, Inc. CPC1906 Datasheet HTML 2Page - Clare, Inc. CPC1906 Datasheet HTML 3Page - Clare, Inc. CPC1906 Datasheet HTML 4Page - Clare, Inc. CPC1906 Datasheet HTML 5Page - Clare, Inc. CPC1906 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
R06
CPC1906
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
1
2
3
Typical Load Current vs. Load Voltage
(I
F=10mA, TA=25ºC)
-1
-3
-2
Typical Load Current vs. Temperature
(I
F=10mA)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
-40
-20
0
20
40
60
80
100
72
71
70
69
68
67
66
65
64
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 3 & 4
(V
L=60V)
Temperature (ºC)
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
1
2
3
4
5
6
7
Energy Rating Curve
(Free Air, No Heat Sink)
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=100 mADC)
-40
-20
020406080100
Temperature (ºC)
0.21
0.18
0.15
0.12
0.09
0.06
0.03
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com