Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1909 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1909
Description  ISOPLUS??264 Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1909 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1909 Datasheet HTML 1Page - Clare, Inc. CPC1909 Datasheet HTML 2Page - Clare, Inc. CPC1909 Datasheet HTML 3Page - Clare, Inc. CPC1909 Datasheet HTML 4Page - Clare, Inc. CPC1909 Datasheet HTML 5Page - Clare, Inc. CPC1909 Datasheet HTML 6Page - Clare, Inc. CPC1909 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS-CPC1909 - R05
www.clare.com
1
e3
RoHS
2002/95/EC
Characteristics
Features
• 15A
rms Load Current with 5°C/W Heat Sink
• Low 0.1
Ω On-Resistance
• 60V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Low Thermal Resistance (0.3 °C/W)
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
• Industrial Controls / Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL 508 Certified Component: File E69938
Pin Configuration
Description
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new family
of high-power Solid State Relays.
As part of this family, the CPC1909 single-pole
normally open (1-Form-A) Solid State Power Relay is
rated for up to 15Arms continuous load current with a
5°C/W heat sink.
The CPC1909 employs optically coupled MOSFET
technology to provide 2500Vrms of input to output
isolation. The output, constructed with efficient
MOSFET switches and photovoltaic die, uses Clare’s
patented OptoMOS architecture while the input, a
highly efficient GaAlAs infrared LED, provides the
optically coupled control. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance switching applications.
The unique ISOPLUS-264 package pioneered by
IXYS allows Solid State Relays to achieve the highest
load current and power ratings. This package features
a unique IXYS process where the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500Vrms isolation
but also very low thermal resistance (0.3 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
60
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
15
Arms
No Heat Sink
6.5
On-Resistance
0.1
Ω
RθJC
0.3
°C/W
Part
Description
CPC1909J
ISOPLUS-264 Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1909
Single-Pole, Normally Open
ISOPLUS™-264 Power Relay


Similar Part No. - CPC1909

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1909 CLARE-CPC1909 Datasheet
141Kb / 6P
ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
logo
Clare, Inc.
CPC1909J CLARE-CPC1909J Datasheet
141Kb / 6P
ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1909J IXYS-CPC1909J Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
CPC1909J IXYS-CPC1909J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1909

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1909 CLARE-CPC1909 Datasheet
141Kb / 6P
ISOPLUS??264 Power Relay
CPC1918 CLARE-CPC1918 Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
CPC1927 CLARE-CPC1927 Datasheet
127Kb / 6P
ISOPLUS??264 Power Relay
CPC1979 CLARE-CPC1979 Datasheet
140Kb / 6P
ISOPLUS??264 Power Relay
CPC1988 CLARE-CPC1988 Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
CPC1788 CLARE-CPC1788_10 Datasheet
926Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1918 CLARE-CPC1918_10 Datasheet
890Kb / 7P
ISOPLUS??264 Power Relay
CPC1927 CLARE-CPC1927_10 Datasheet
922Kb / 7P
ISOPLUS??264 Power Relay
CPC1979 CLARE-CPC1979_11 Datasheet
921Kb / 7P
ISOPLUS??264 Power Relay
CPC1988 CLARE-CPC1988_11 Datasheet
889Kb / 7P
ISOPLUS??264 Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com