Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1909 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1909
Description  ISOPLUS??264 Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1909 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1909 Datasheet HTML 1Page - Clare, Inc. CPC1909 Datasheet HTML 2Page - Clare, Inc. CPC1909 Datasheet HTML 3Page - Clare, Inc. CPC1909 Datasheet HTML 4Page - Clare, Inc. CPC1909 Datasheet HTML 5Page - Clare, Inc. CPC1909 Datasheet HTML 6Page - Clare, Inc. CPC1909 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
R05
www.clare.com
4
CPC1909
3
Performance Data
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
35
30
25
20
15
10
5
0
10.0
12.5
15.0
20.0
17.5
22.5
Typical Turn-On Time
(N=50, I
F=20mA, IL=1ADC, TA=25ºC)
Turn-On (ms)
0.23
0.35
0.47
0.17
0.29
0.41
25
20
15
10
5
0
Turn-Off (ms)
Typical Turn-Off Time
(N=50, I
F=20mA, IL=1ADC, TA=25ºC)
35
30
25
20
15
10
5
0
0.033
0.037
0.041
0.045
0.049
0.053
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=20mA
I
F=10mA
LED Forward Current (mA)
0
5
1015202530354045
120
100
80
60
40
20
0
50
Typical Turn-On
vs. LED Forward Current
(I
L=1ADC, TA=25ºC)
LED Forward Current (mA)
0
5
1015202530354045
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
50
Typical Turn-Off
vs. LED Forward Current
(I
L=1ADC, TA=25ºC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
42
36
30
24
18
12
6
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-On vs. Temperature
(I
L=1ADC)
I
F=10mA
I
F=20mA
-40
0.48
0.42
0.36
0.30
0.24
0.18
0.12
0.06
-20
0
20
40
60
80
100
Typical Turn-Off vs. Temperature
(I
L=1ADC)
Temperature (ºC)
I
F=20mA
I
F=10mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com