Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1943GS Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1943GS
Description  AC Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1943GS Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1943GS Datasheet HTML 1Page - Clare, Inc. CPC1943GS Datasheet HTML 2Page - Clare, Inc. CPC1943GS Datasheet HTML 3Page - Clare, Inc. CPC1943GS Datasheet HTML 4Page - Clare, Inc. CPC1943GS Datasheet HTML 5Page - Clare, Inc. CPC1943GS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1943-R06
1
CPC1943
Optically Coupled
AC Power Switch
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1943G
6-Pin Dip (50/Tube)
CPC1943GS
6-Pin Surface Mount (50/Tube)
CPC1943GSTR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Blocking Voltage
400
V
P
Load Current
500
mA
rms
On State Voltage Drop
1.4
V
rms (at IL = 500mArms)
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 0.5A
rms
• 400V
P Blocking Voltage
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• Machine Insertable, Wave Solderable
• Flammability classification rating of V-0
Approvals
• UL 508 Certified Component: File E69938
• CSA Certified Component: Certificate 1172007
ZC
1
3
2
4
5
6
AC Load
AC Load
- LED
+ LED
The CPC1943 is an AC Solid State Switch using
optical coupling with dual power SCR outputs to
produce an alternative to optocoupler and Triac
circuits. The CPC1943 switches are robust enough to
provide a blocking voltage of up to 400V
P . In addition,
tightly controlled zero cross circuitry ensures switching
of AC loads without the generation of transients.
The input and output circuits are optically coupled
to provide 3750V
rms of isolation and noise immunity
between control and load circuits. As a result the
CPC1943 is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.


Similar Part No. - CPC1943GS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1943GS CLARE-CPC1943GS Datasheet
95Kb / 5P
AC Power Switch
CPC1943GS CLARE-CPC1943GS Datasheet
111Kb / 5P
AC Power Switch
logo
IXYS Corporation
CPC1943GS IXYS-CPC1943GS Datasheet
115Kb / 6P
Machine Insertable, Wave Solderable
logo
Littelfuse
CPC1943GS LITTELFUSE-CPC1943GS Datasheet
172Kb / 6P
Optically Coupled AC Power Switch
11/18/2025
logo
Clare, Inc.
CPC1943GSTR CLARE-CPC1943GSTR Datasheet
95Kb / 5P
AC Power Switch
More results

Similar Description - CPC1943GS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com