Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1983 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1983
Description  OptoMOS짰 Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1983 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1983 Datasheet HTML 1Page - Clare, Inc. CPC1983 Datasheet HTML 2Page - Clare, Inc. CPC1983 Datasheet HTML 3Page - Clare, Inc. CPC1983 Datasheet HTML 4Page - Clare, Inc. CPC1983 Datasheet HTML 5Page - Clare, Inc. CPC1983 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1983-R02
1
RoHS
2002/95/EC
e3
Pb
CPC1983
Single-Pole, Normally Open
OptoMOS® Power SIP Relay
Part #
Description
CPC1983Y
Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
600
V
P
Load Current
0.5
A
DC
On-Resistance
6
Applications
Features
Description
Ordering Information
Pin Configuration
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• IC Equipment
• Home Appliances
• Handle Load Currents Up to 0.5A
• 600V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Power SIP Package
• High Reliability
• No Moving Parts
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS
technology, reliability, and compact size to a new
family of high-power Solid State Relays.
As part of this family, the CPC1983 single-pole,
normally open (1-Form-A) Solid State Power Relay is
rated for up to 0.5A
DC continuous load current.
The CPC1983 employs optically coupled MOSFET
technology to provide 2500V
rms of input to output
isolation. Its output, constructed with efficient
MOSFET switches and photovoltaic die, uses Clare’s
patented OptoMOS architecture while its input, a
highly efficient GaAlAs infrared LED, provides the
optically coupled control.
This combination of low on-resistance and high
load current handling capability makes this relay
suitable for a variety of high performance switching
applications.
Switching Characteristics of
Normally Open Devices
Approvals
14
23
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• UL 508 Recognized Component: File E69938
• CSA Certified Component: Certificate 1172007


Similar Part No. - CPC1983

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1983 IXYS-CPC1983 Datasheet
110Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983B IXYS-CPC1983B Datasheet
115Kb / 6P
Arc-Free With No Snubbing Circuits
logo
Littelfuse
CPC1983B LITTELFUSE-CPC1983B Datasheet
196Kb / 6P
OptoMOS® Power SOIC Relay
11/18/2025
logo
IXYS Corporation
CPC1983Y IXYS-CPC1983Y Datasheet
110Kb / 6P
Arc-Free With No Snubbing Circuits
logo
Littelfuse
CPC1983Y LITTELFUSE-CPC1983Y Datasheet
179Kb / 6P
Normally Open Power SIP Relay
11/18/2025
More results

Similar Description - CPC1983

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1218 CLARE-CPC1218 Datasheet
101Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1219 CLARE-CPC1219 Datasheet
112Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1706 CLARE-CPC1706 Datasheet
124Kb / 6P
4-Pin OptoMOS짰 DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
Power SIP OptoMOS짰 Relay
CPC1916 CLARE-CPC1916_10 Datasheet
116Kb / 6P
OptoMOS짰 Power SIP Relay
CPC1926 CLARE-CPC1926_10 Datasheet
117Kb / 6P
OptoMOS짰 Power SIP Relay
CPC1981 CLARE-CPC1981_11 Datasheet
110Kb / 6P
OptoMOS짰 Power SIP Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com