Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1983Y Datasheet (PDF) - Littelfuse

CPC1983Y Datasheet PDF - Littelfuse
Part # CPC1983Y
Download  CPC1983Y Download
File Size   179.61 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Normally Open Power SIP Relay

CPC1983Y Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1983Y Datasheet PDF - Littelfuse

Part # CPC1983Y
Download  CPC1983Y Click to download

File Size   179.61 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Normally Open Power SIP Relay

CPC1983Y Datasheet (HTML) - Littelfuse


CPC1983Y Product details

Features
• Handle Load Currents Up to 0.5A
• 600VP Blocking Voltage
• 2500Vrms Input/Output Isolation
• Power SIP Package
• High Reliability
• Low Drive Power Requirements
• No EMI/RFI Generation

Applications
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• IC Equipment
• Home Appliances

Description
IXYS Integrated Circuits brings OptoMOS technology,
reliability, and compact size to a new family of high
power Solid State Relays.
As part of this family, the CPC1983Y single-pole,
normally open (1-Form-A) Solid State Power Relay is
rated for up to 0.5ADC continuous load current.
The CPC1983Y employs optically coupled MOSFET
technology to provide 2500Vrms of input to output
isolation. The optically coupled outputs, that use
patented OptoMOS architecture, are controlled by a
highly efficient infrared LED.
This combination of low on-resistance and high
load current handling capability makes this relay
suitable for a variety of high performance switching
applications.




Similar Part No. - CPC1983Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1983Y CLARE-CPC1983Y Datasheet
114Kb / 6P
OptoMOS짰 Power SIP Relay
logo
IXYS Corporation
CPC1983Y IXYS-CPC1983Y Datasheet
110Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983YE IXYS-CPC1983YE Datasheet
113Kb / 6P
Arc-Free With No Snubbing Circuits
logo
Littelfuse
CPC1983YE LITTELFUSE-CPC1983YE Datasheet
181Kb / 6P
Normally Open Power SIP Relay
11/18/2025
More results


Similar Description - CPC1983Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF Datasheet
1Mb / 5P
Power MOSFET Photovoltaic Relay Single Pole, Normally Open
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
CPC1907B IXYS-CPC1907B Datasheet
113Kb / 6P
Single-Pole, Normally Open Power SOIC OptoMOS Relay
logo
Pasternack Enterprises,...
PE7159 PASTERNACK-PE7159_15 Datasheet
433Kb / 5P
SP6T Electromechanical Relay Normally Open Switch
logo
IXYS Corporation
CPC1218 IXYS-CPC1218 Datasheet
107Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
CPC1984Y IXYS-CPC1984Y Datasheet
141Kb / 6P
600V, 1A, Normally Open SIP Power Relay
CPC1217 IXYS-CPC1217 Datasheet
114Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com