Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBM220L-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBM220L-HF
Description  Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM220L-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBM220L-HF Datasheet HTML 1Page - Comchip Technology CDBM220L-HF Datasheet HTML 2Page - Comchip Technology CDBM220L-HF Datasheet HTML 3Page - Comchip Technology CDBM220L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF SMD Schottky Barrier Rectifiers
Reverse Voltage: 20 to 40 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV:A
Features
Mechanical data
-Case: Mini SMA/SOD-123, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.018 grams
CDBM220L-HF Thru. CDBM240L-HF
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
QW-JL002
Comchip Technology CO., LTD.
Repetitive peak reverse voltage
Continuous reverse voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Forward rectified current
Max. forward voltage at IF=2.0A
Reverse current
O
TA=125
VR= VRRM
C
Max. thermal resistance, junction to
ambient
Diode junction capacitance
Storage temperature
Operating temperature
CDBM220L-HF
Units
Symbol
Parameter
VRRM
VR
VRMS
IFSM
IO
VF
IR
RθJA
CJ
TSTG
TJ
20
20
14
0.38
V
V
V
A
A
V
mA
OC/W
pF
OC
OC
CDBM230L-HF
30
30
21
0.40
50
2.0
1.0
10
70
160
-65 to +175
-55 to +125
Mini SMA/SOD-123
0.154(3.9)
0.138(3.5)
0.012(0.3) Typ.
0.071(1.9)
0.055(1.5)
0.067(1.7)
0.051(1.3)
0.028(0.7) Typ.
0.028(0.7) Typ.
OC
TA= 25
VR= VRRM
0.38
CDBM240L-HF
40
40
28
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Exceeds environmental standard MIL-S-
19500/228.
-Low leakage current.
Halogen free


Similar Part No. - CDBM220L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBM220L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA220L-G COMCHIP-CDBA220L-G Datasheet
683Kb / 2P
Low Vf SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBM120L-HF COMCHIP-CDBM120L-HF Datasheet
68Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com