Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBM220L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBM220L-HF
Description  Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM220L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBM220L-HF Datasheet HTML 1Page - Comchip Technology CDBM220L-HF Datasheet HTML 2Page - Comchip Technology CDBM220L-HF Datasheet HTML 3Page - Comchip Technology CDBM220L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JL002
RATING AND CHARACTERISTIC CURVES (CDBM220L-HF thru CDBM240L-HF)
100
60
0
0.01
0.1
1
10
100
0.1
0.01
0.1
1
10
100
0.7
0.01
0
50
150
300
350
0.1
1
10
100
0
1.6
2.8
Comchip Technology CO., LTD.
Page 2
REV:A
0.3
1.1
1.5
1.3
100
200
250
0
25
175
0.8
2.0
140
1.2
20
120
2.4
Low VF SMD Schottky Barrier Rectifiers
0
30
60
1
10
100
10
40
20
50
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
50
75
100
125
150
0.4
0L
-H
F
C
D
B
M
22
L-
C
D
BM
24
0
H
F
O
TJ=25 C, Pulse
Width=300μs
0.5
0.9
O
TJ=75 C
O
TJ=25 C
40
80
1% Duty Cycle
Fig.1 - Typical Forward Characteristics
Fig.2 Typical Forward Current
-
Derating Curve
Fig.3 Typical Reverse Characteristics
-
Fig.4 Max. Non-repetitive Forward
-
Surge Current
Fig.5 Typical Junction Capacitance
-
Forward Voltage, (V)
Ambient Temperature, (°C)
Percent of Rated Peak Reverse Voltage, (%)
Number of Cycles at 60Hz
Reverse Voltage, (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com