Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL85R02-0CT Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # CL85R02-0CT
Description  Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL85R02-0CT Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  CL85R02-0CT Datasheet HTML 1Page - Wabash Transformer Inc. CL85R02-0CT Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions (Inches)
100VA
85VA
A
2.820
2.820
B
1.500
1.500
Weight (Lbs)
2.900
3.300
Sales Office:
22
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
Any application, Any requirement, Contact us for our Custom Designs
Lead Wires
* Multi voltage combinations are available - consult factory.
Class 2
Class 2 UL5085 -3 Transformer
80VA - 100VA, Non-Inherently Energy Limited
Series: CL - Lead Wires
Power Rating 80VA to 100VA
Secondary Fusing Required (Provided by Factory),
Frequency 50/60Hz
Insulation Class F (155°C)
Agency Approvals:
UL/cUL 5085-3 Class 2 Recognized (File E49606)
Insulation File No. E95662
Type HX - Foot Mount, Internally Fused
Type HX Foot Mount - Steel bracket welded to the bottom of the laminations for easy mounting
Type VX Foot Mount - Steel bracket welded to the bottom of the laminations for easy mounting
Lead Wires: All leads are 18 AWG stranded 2/64” (0.794 mm) insulation thickness. Standard parts have 12” (305 mm)
total length with 1/2” (12.7 mm) strip.
Type VX - Foot Mount, Vertical, Same Side Leads


Similar Part No. - CL85R02-0CT

ManufacturerPart #DatasheetDescription
logo
SAMSUNG ELECTRO-MECHANI...
CL85A475MQ5Q64 SAMSUNGEM-CL85A475MQ5Q64 Datasheet
122Kb / 1P
Multi-layer Ceramic Capacitor
More results

Similar Description - CL85R02-0CT

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
logo
TRIAD MAGNETICS
F20-300-C2 TRIAD-F20-300-C2 Datasheet
50Kb / 1P
CLASS 2/3 TRANSFORMER
logo
Bel Fuse Inc.
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
Inherently or Non-Inherently Limited
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com