Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL85R02-0CT Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL85R02-0CT
Description  Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL85R02-0CT Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL85R02-0CT Datasheet HTML 1Page - Wabash Transformer Inc. CL85R02-0CT Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Wire Details:
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
23
Partial Selection Guide
Primary
Voltage
Secondary
Voltage
85VA
Size - 1.0” X 1-1/2”
96VA
Size - 1.0” X 1-1/2”
UL
UL
120
24
CL85R01-000*
CL100K01-000*
√
√
24Vct
CL85R01-0CT*
CL100K01-0CT*
√
√
277
24
CL85R02-000*
CL100K02-000*
√
√
24Vct
CL85R02-0CT*
CL100K02-0CT*
√
√
480
24
CL85R04-000*
CL100K04-000*
√
√
24Vct
CL85R04-0CT*
CL100K04-0CT*
√
√
120/208/240/480
24
CL85R05-000*
CL100K05-000*
√
√
24Vct
CL85R05-0CT*
CL100K05-0CT*
√
√
208/240
24
CL85R15-000*
CL100K15-000*
√
√
24Vct
CL85R15-0CT*
CL100K15-0CT*
√
√
Any application, Any requirement, Contact us for our Custom Designs
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Class 2 UL5085 -3 Transformer
80VA - 100VA, Non-Inherently Energy Limited
Series: CL - Lead Wires
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
Class 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com