Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST193-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDST193-G
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST193-G Datasheet(HTML) 1 Page - Comchip Technology

  CDST193-G Datasheet HTML 1Page - Comchip Technology CDST193-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDST193-G
RoHS Device
SMD Switching Diode
QW-B0028
Page 1
REV:A
Features
-Low forward voltage: VF=0.9V (Typ.)
-Fast reverse recovery time: trr=1.6nS (Typ.)
Polarity:
1. ANODE
2. N.C.
3. CATHODE
Marking: F3
Dimensions in inches and (millimeter)
Parameter
Value
Unit
Maximum Ratings (at Ta=25°C unless otherwise noted)
Non-repetitive peak reverse voltage
DC blocking voltage
Forward continuous current
Average rectified output current
Power dissipation
Junction temperature
Storage temperature
VRM
VR
IFM
IO
PD
TJ
TSTG
85
80
300*
100*
150
125
-55 ~ +125
V
V
mA
mA
mW
OC
OC
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.083(2.10)
0.066(1.70)
0.044(1.10)
0.035(0.90)
0.020(0.50)
0.013(0.35)
0.006(0.15)
0.002(0.05)
0.103(2.60)
0.086(2.20)
0.006(0.15) max
0.007(0.20) min
*Unit rating. Total rating=Unit rating
× 1.5
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Reverse breakdown voltage
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
V
V
IR=100μA
IF=1mA
IF=10mA
IF=100mA
VR=30V
VR=80V
VR=0V, f=1MHz
IF=IR=10mA, Irr=0.1×IR
V(BR)R
VF1
VF2
VF3
IR1
IR2
CT
trr
80
V
1.2
0.1
0.5
3.0
4.0
V
V
V
V
μA
μA
pF
nS
Min
V
0.60
0.72
0.90
0.90
1.60
Symbol


Similar Part No. - CDST193-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST193-G COMCHIP-CDST193-G Datasheet
49Kb / 2P
SMD Switching Diode
More results

Similar Description - CDST193-G

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com