Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST193-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDST193-G
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST193-G Datasheet(HTML) 2 Page - Comchip Technology

  CDST193-G Datasheet HTML 1Page - Comchip Technology CDST193-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDST193-G)
Page 2
QW-B0028
Fig.1 - Forward Voltage Characteristics
10μ
VF, Forward Voltage (V)
0
0.6
1.2
Fig.2 Reverse Characteristics
-
1n
VR, Reverse Voltage (V)
1
60
Fig.3 Capacitance Between Terminals
-
0
VR, Reverse Voltage (V)
0.1
0.4
100
0.4
0.8
10m
1
20
10μ
Fig.4 Reverse Recovery Time Characteristics
-
0.1
IF, Forward Current (mA)
0.1
1.0
0.5
1.0
10
100
10
1.6
0.2
1.0
100μ
1m
100m
80
1μ
0.8
SMD Switching Diode
REV:A
10n
100n
O
Ta=100 C
O
Ta=25 C
O
Ta=-25 C
40
O
Ta=25 C
O
Ta=50 C
O
Ta=75 C
O
Ta=125 C
1.2
1
f=1MHz
O
Ta=25 C
O
Ta=25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com