Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST226-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDST226-G
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST226-G Datasheet(HTML) 1 Page - Comchip Technology

  CDST226-G Datasheet HTML 1Page - Comchip Technology CDST226-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDST226-G
Features
O
-Power dissipation: 150mW (@TA=25
C)
Mechanical data
-Case: SOT-23
-Terminals: Solder plated, solderable per MIL-
STD-750, Method 2026.
-Marking: C3
Page 1
QW-B0024
SMD Switching Diode
RoHS Device
Maximum Rating (at Ta=25°C unless otherwise noted)
REV:B
mA
V
V
-55 ~ +125
100
TSTG
VRM
VRRM
VRWM
VR
IO
Power dissipation
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
Non-Repetitive peak reverse voltage
Parameter
Symbol
Limits
Unit
Average rectified output current
Storage temperature range
PD
150
mW
SOT-23
Dimensions in inches and (millimeters)
0.066 (1.70)
0.119 (3.00)
0.110 (2.80)
0.103 (2.60)
0.086 (2.20)
0.020 (0.50)
0.013 (0.35)
0.056 (1.40)
0.047 (1.20)
0.044 (1.10)
0.035 (0.90)
0.083 (2.10)
0.007 (0.20) min
0.006 (0.15) max
0.006 (0.15)
0.002 (0.05)
80
85
OC
Electrical Characteristics (at Ta=25°C unless otherwise noted)
pF
V
μA
4
1.2
IR
CT
Forward voltage
Diode capacitance
Reverse breakdown voltage
Parameter
Symbol
Min
Max
Unit
Reverse leakage current
Test Conditions
80
VBR
Forward continuous current
Peak forward surge current
@10mS
IFM
IFSM
300
2
mA
A
VF
IR=100μA
0.5
VR=80V
IF=100mA
3
V
Reverse recovery time
trr
VR=0V, f=1MHz
nS


Similar Part No. - CDST226-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST226-G COMCHIP-CDST226-G Datasheet
80Kb / 2P
SMD Switching Diode
More results

Similar Description - CDST226-G

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com