Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST226-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDST226-G
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST226-G Datasheet(HTML) 2 Page - Comchip Technology

  CDST226-G Datasheet HTML 1Page - Comchip Technology CDST226-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical and Characteristic Curves (CDST226-G)
Page 2
SMD Switching Diode
QW-B0024
Fig.1 - Forward Characteristics
REV:B
10
μ
100
μ
1m
10m
100m
1
0
0.6
1.2
VF, Forward Voltage (V)
Fig.2 - Reverse Characteristics
1n
10n
100n
1
μ
10
μ
0
VR, Reverse Voltage (V)
20
80
0.2
0.8
0.4
1.0
O
TA=100 C
O
TA=25 C
O
TA=-25 C
40
60
O
TA=25 C
O
TA=50 C
O
TA=75 C
O
TA=100 C
Fig.3 - Diode Capacitance
0
0.4
0.8
1.2
1.6
0.2
10
VR, Reverse Voltage (V)
1.0
100
Fig.4 - Reverse Recovery
Characteristics
0.5
1.0
10
50
0.1
50
IF, Forward Current (mA)
10
1.0
-6V
50nS
INPUT
0.01μF
DUT
OUTPUT
E
Pulse Generator
(ROUT=50Ω)
(*) Sampling
oscilloscope
(RIN=50Ω)
INPUT WAVEFORM
Fig.5 - Reverse Recovery Time (trr) Test Circuit
trr
0.1 IR
IR
IF=10mA
0
OUTPUT WAVEFORM
O
TA=25 C
Fig. 5
O
TA=25 C
f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com