Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432DL-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL432DL-AE3-R
Description  0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL432DL-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL432DL-AE3-R Datasheet HTML 1Page - Unisonic Technologies TL432DL-AE3-R Datasheet HTML 2Page - Unisonic Technologies TL432DL-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL432D
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R103-040.Ca
0.8V PRECISION ADJUSTABLE
SHUNT REFERENCE
REGULATORS
DESCRIPTION
The UTC TL432D is a three-terminal adjustable shunt
regulator highly accurate 0.8V band gap reference with 1%, 2%
tolerance.
The device offers thermal stability, wide operating
current (50mA) and an extended temperature range of 0
° to 105°C
for operation in power supply applications.
The UTC TL432D
offers a wide operating voltage range of up to 12V and is an
excellent choice for voltage reference requirements in an isolated
feedback circuit for 3.0V ~ 3.3V switching mode power supplies.
The tight tolerance guarantees a lower design cost for the power
supply manufacturer by virtually eliminating the need for an extra
power supply manufacturing process of the power supply.
FEATURES
* Temperature-Compensated: 50ppm/
°C
* Internal Amplifier with 50mA Capability
* Nominal Temperature Range Extended to 105
°C
* Low Frequency Dynamic Output Impedance:<150mΩ
* Low Output Noise
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
TL432DL-AB3-R
TL432DG-AB3-R
SOT-89
R
A
K
-
-
-
-
-
Tape Reel
TL432DL-AE3-R
TL432DG-AE3-R
SOT-23
K
R
A
-
-
-
-
-
Tape Reel
TL432DL-AF5-R
TL432DG-AF5-R
SOT-25
X
X
K
R
A
-
-
-
Tape Reel
TL432DL-T92-B
TL432DG-T92-B
TO-92
R
A
K
-
-
-
-
-
Tape Box
TL432DL-T92-K
TL432DG-T92-K
TO-92
R
A
K
-
-
-
-
-
Bulk
TL432DL-T92-R
TL432DG-T92-R
TO-92
R
A
K
-
-
-
-
-
Tape Reel
TL432DL-S08-R
TL432DG-S08-R
SOP-8
K
A
A
X
X
A
A
R
Tape Reel
TL432DL-S08-T
TL432DG-S08-T
SOP-T
K
A
A
X
X
A
A
R
Tube
Note: Pin Code: C: Cathode
A: Anode
R: Reference
X: No Connection


Similar Part No. - TL432DL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL432DL-T92-B UTC-TL432DL-T92-B Datasheet
145Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432DL-T92-K UTC-TL432DL-T92-K Datasheet
145Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results

Similar Description - TL432DL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL432 UTC-TL432 Datasheet
103Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D Datasheet
161Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_11 Datasheet
160Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D_15 Datasheet
145Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_16 Datasheet
177Kb / 6P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com