Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC1G09G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G09G-AF5-R
Description  2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G09G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G09G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G09G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G09G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G09G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G09G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G09
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-658.B
2-INPUT AND GATE WITH
OPEN DRAIN OUTPUT
DESCRIPTION
The U74AHC1G09 is a 2-input AND gate with open-drain
output. And it provides the function Y=A*B
FEATURES
* Operation Voltage Range: 2~5.5V
* Low Quiescent Current:
ICC=1μA(Max)
* High Speed:
tPD=6ns@5V(Max)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC1G09L-AE5-R
U74AHC1G09G-AE5-R
SOT-23-5
Tape Reel
U74AHC1G09L-AF5-R
U74AHC1G09G-AF5-R
SOT-25
Tape Reel
U74AHC1G09L-AL5-R
U74AHC1G09G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHC1G09G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G09G-AF5-R UTC-U74AHC1G09G-AF5-R Datasheet
170Kb / 5P
2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
More results

Similar Description - U74AHC1G09G-AF5-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
2-input AND gate with open-drain output
Rev. 01-26 September 2005
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
2-Input AND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
2-Input AND Gate with Open Drain Output
logo
NXP Semiconductors
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09_15 Datasheet
170Kb / 5P
2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
74AHC1G09 NEXPERIA-74AHC1G09 Datasheet
204Kb / 10P
2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com