Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-216-RFX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-216-RFX
Description  Adapters, Between Series Straight, Jack to Plug or Jack to Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-216-RFX Datasheet(HTML) 1 Page - Amphenol Corporation

  31-216-RFX Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
212
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
BNC Jack to TNC Plug
79675
VSWR: 1.25 max. DC-4 GHz
Fig. 4
HN Jack to N Plug
16075
Fig. 6
BNC Jack to UHF Plug
31-28
31-28-RFX
(UG-273/U)
Fig. 5
BNC Jack to SMA Jack
901-167
Fig. 3
BNC Jack to N Plug
31-216
31-216-RFX
82-5558
(UG-201A/U) (M55339/20-00201)
BNC Jack to SMA Plug
901-166
VSWR: 1.3 max. DC-4 GHz
Fig. 1
Fig. 2
a
b
.500 (12.7) across 2 flats
STRAIGHT ADAPTERS - JACK TO PLUG OR JACK TO JACK
Dimension, inch (millimeters)
Notes
Adapter Ends
a
b
Plt.
Ins.
Military Number
Amphenol Number
Fig.
BNC Jack
N Plug
1.31 (33.3)
.812 (20.6)
P1
D1
UG-201A/U
31-216
1
BNC Jack
N Plug
1.31 (33.3)
.812 (20.6)
P1
D1
UG-201A
31-216-RFX
1
BNC Jack
N Plug
1.36 (34.4)
.828 (21.0)
P6
D1
M55339/20-00
82-5558
1
BNC Jack
SMA Plug
1.16 (29.4)
.562 (14.3)
P51
D1
-
901-166
2
BNC Jack
SMA Jack
1.12 (28.6)
.562 (14.3) dia.
P51
D1
-
901-167
3
BNC Jack
TNC Plug
1.25 (31.8)
.525 (15.9)
P1
D1
-
79675
4
BNC Jack
UHF Plug
1.19 (30.2)
.719 (18.3)
P1
D6
UG-273/U
31-28
5
BNC Jack
UHF Plug
1.19 (30.2)
.719 (18.3)
P1
D6
UG-273/U
31-28-RFX
5
HN Jack
N Plug
1.56 (39.7)
.813 (20.6)
P1
D1
-
16075
6
a
b
a
a
b
a
b
a
b
b
Adapters, Between Series
Amphenol
®
Straight, Jack to Plug or Jack to Jack


Similar Part No. - 31-216-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-212 AMPHENOL-31-212 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
31-212 AMPHENOL-31-212 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-212 AMPHENOL-31-212 Datasheet
53Kb / 1P
Cable Plugs
31-212-1005 AMPHENOL-31-212-1005 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
31-212-1005 AMPHENOL-31-212-1005 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results

Similar Description - 31-216-RFX

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73058 POMONA-73058 Datasheet
104Kb / 1P
UHF Jack to Jack Adapter
logo
Amphenol Corporation
000-16050 AMPHENOL-000-16050 Datasheet
86Kb / 1P
Adapters, Between Series Straight, Jack to Plug or Jack to Jack
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
Pasternack Enterprises,...
PE9115 PASTERNACK-PE9115 Datasheet
76Kb / 1P
SMC JACK TO SMC JACK
PE9523 PASTERNACK-PE9523 Datasheet
75Kb / 1P
MMCX JACK TO MMCX JACK
PE9524 PASTERNACK-PE9524 Datasheet
74Kb / 1P
MCX JACK TO MCX JACK
PE9681 PASTERNACK-PE9681 Datasheet
102Kb / 1P
PAL JACK TO PAL JACK
logo
Johanson Technology Inc...
134-1018-001 JOHANSON-134-1018-001 Datasheet
53Kb / 1P
ASSEMBLY, ADAPTER BETWEEN SERIES SMA PLUG TO MCX JACK
logo
Adam Technologies, Inc.
RF2-500-10 ADAM-TECH-RF2-500-10 Datasheet
62Kb / 1P
SMA JACK TO SMA JACK
logo
Bel Fuse Inc.
VA222 BEL-VA222 Datasheet
802Kb / 1P
Euro Jack to BNC Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com