Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5064 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5064
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5064 Datasheet HTML 26Page - Analog Devices AD5064 Datasheet HTML 27Page - Analog Devices AD5064 Datasheet HTML 28Page - Analog Devices AD5064 Datasheet HTML 29Page - Analog Devices AD5064 Datasheet HTML 30Page - Analog Devices AD5064 Datasheet HTML 31Page - Analog Devices AD5064 Datasheet HTML 32Page - Analog Devices AD5064 Datasheet HTML 33Page - Analog Devices AD5064 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD5750/AD5750-1/AD5750-2
Data Sheet
Rev. D | Page 30 of 36
EXTERNAL CURRENT SETTING RESISTOR
Referring to Figure 1, RSET is an internal sense resistor and is
part of the voltage-to-current conversion circuitry. The nominal
value of the internal current sense resistor is 15 kΩ. To allow for
overrange capability in current mode, the user can also select
the internal current sense resistor to be 14.7 kΩ, giving a nominal
2% overrange capability. This feature is available in the 0 mA to
+20 mA, +4 mA to +20 mA, and ±20 mA current ranges.
The stability of the output current value over temperature is
dependent on the stability of the value of RSET. As a method of
improving the stability of the output current over temperature,
an external low drift resistor can be connected to the REXT1
and REXT2 pins of the AD5750/AD5750-1/AD5750-2, which
can be used instead of the internal resistor. The external resistor
is selected via the input shift register. If the external resistor option
is not used, leave the REXT1 and REXT2 pins floating.
PROGRAMMABLE OVERRANGE MODES
The AD5750/AD5750-1/AD5750-2 contain an overrange mode
for most of the available ranges. The overranges are selected by
configuring the R3, R2, R1, and R0 bits (or pins) accordingly.
In voltage mode, the overranges are typically 20%, providing
programmable output ranges of 0 V to +6 V, 0 V to +12 V, ±6 V,
and ±12 V. The analog input remains the same.
In current mode, the overranges are typically 2%. In current
mode, the overrange capability is available on only three ranges,
0 mA to 20 mA, 0 mA to 24 mA, and 4 mA to 20 mA. For these
ranges, the analog input also remains the same (0 V to 4.096 V
for the AD5750, and 0 V to 2.5 V for the AD5750-1/AD5750-2).
PACKET ERROR CHECKING
To verify that data has been received correctly in noisy environ-
ments, the AD5750/AD5750-1/AD5750-2 offer the option of error
checking based on an 8-bit cyclic redundancy check (CRC-8).
The device controlling the AD5750/AD5750-1/AD5750-2 should
generate an 8-bit frame check sequence using the following
polynomial:
C(x) = x8 + x2 + x1 + 1
This is added to the end of the data-word, and 24 data bits are
sent to the AD5750/AD5750-1/AD5750-2 before taking SYNC
high. If the AD5750/AD5750-1/AD5750-2 receive a 24-bit data
frame, the parts perform the error check when SYNC goes high.
If the check is valid, the data is written to the selected register. If
the error check fails, the FAULT pin goes low, and Bit D3 of the
status register is set. After reading this register, this error flag is
cleared automatically, and the FAULT pin goes high again.
SCLK
SDIN
SYNC
UPDATE ON SYNC HIGH
D15
(MSB)
D0
(LSB)
16-BIT DATA
16-BIT DATA TRANSER—NO ERROR CHECKING
SCLK
SDIN
SYNC
FAULT
UPDATE AFTER SYNC HIGH
ONLY IF ERROR CHECK PASSED
FAULT GOES LOW IF
ERROR CHECK FAILS
D23
(MSB)
D8
(LSB)
D7
D0
16-BIT DATA
8-BIT FCS
16-BIT DATA TRANSER WITH ERROR CHECKING
Figure 55. PEC Error Checking Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com