Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5064 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5064
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5064 Datasheet HTML 28Page - Analog Devices AD5064 Datasheet HTML 29Page - Analog Devices AD5064 Datasheet HTML 30Page - Analog Devices AD5064 Datasheet HTML 31Page - Analog Devices AD5064 Datasheet HTML 32Page - Analog Devices AD5064 Datasheet HTML 33Page - Analog Devices AD5064 Datasheet HTML 34Page - Analog Devices AD5064 Datasheet HTML 35Page - Analog Devices AD5064 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
AD5750/AD5750-1/AD5750-2
Rev. D | Page 33 of 36
OUTLINE DIMENSIONS
3.25
3.10 SQ
2.95
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
1
32
8
9
25
24
17
16
COPLANARITY
0.08
3.50 REF
0.50
BSC
PIN 1
INDICATOR
PIN 1
INDICATOR
0.30
0.25
0.18
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
0.50
0.40
0.30
5.00
BSC SQ
4.75
BSC SQ
0.60 MAX
0.60 MAX
0.25 MIN
TOP VIEW
EXPOSED
PAD
BOTTOM VIEW
Figure 59. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-32-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
TUE Accuracy (%)
Analog Input
Range (V)
External
Reference (V)
Temperature
Range
Package Description
Package
Option
AD5750ACPZ
±0.3
0 to 4.096
4.096
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750ACPZ-REEL
±0.3
0 to 4.096
4.096
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750ACPZ-REEL7
±0.3
0 to 4.096
4.096
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750BCPZ
±0.1
0 to 4.096
4.096
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750BCPZ-REEL
±0.1
0 to 4.096
4.096
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750BCPZ-REEL7
±0.1
0 to 4.096
4.096
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
EVAL-AD5750EBZ
Evaluation Board
AD5750-1ACPZ
±0.3
0 to 2.5
1.25
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750-1ACPZ-REEL
±0.3
0 to 2.5
1.25
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750-1ACPZ-REEL7
±0.3
0 to 2.5
1.25
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750-1BCPZ
±0.1
0 to 2.5
1.25
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750-1BCPZ-REEL
±0.1
0 to 2.5
1.25
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750-1BCPZ-REEL7
±0.1
0 to 2.5
1.25
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750-2BCPZ
±0.1
0 to 2.5
2.5
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
AD5750-2BCPZ-RL7
±0.1
0 to 2.5
2.5
−40°C to +105°C
32-Lead LFCSP_VQ
CP-32-2
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com