Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD797 Datasheet(PDF) 8 Page - Analog Devices

Part # AD797
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices AD797 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADA4896-2/ADA4897-1/ADA4897-2
Data Sheet
Rev. B | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Supply Voltage
11 V
Power Dissipation
See Figure 3
Common-Mode Input Voltage
−VS − 0.7 V to +VS + 0.7 V
Differential Input Voltage
0.7 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in a circuit board for surface-
mount packages. Table 7 lists the θJA for the ADA4896-2/
ADA4897-1/ADA4897-2.
Table 7. Thermal Resistance
Package Type
θJA
Unit
8-Lead Dual MSOP (ADA4896-2)
222
°C/W
8-Lead Dual LFCSP (ADA4896-2)
61
°C/W
8-Lead Single SOIC (ADA4897-1)
133
°C/W
6-Lead Single SOT-23 (ADA4897-1)
150
°C/W
10-Lead Dual MSOP (ADA4897-2)
210
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the ADA4896-2/
ADA4897-1/ADA4897-2 is limited by the associated rise in
junction temperature (TJ) on the die. At approximately 150C,
which is the glass transition temperature, the properties of the
plastic change. Even temporarily exceeding this temperature
limit may change the stresses that the package exerts on the
die, permanently shifting the parametric performance of the
ADA4896-2/ADA4897-1/ADA4897-2. Exceeding a junction
temperature of 175C for an extended period of time can result
in changes in silicon devices, potentially causing degradation or
loss of functionality.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
die due to the ADA4896-2/ADA4897-1/ADA4897-2 drive at
the output.
The quiescent power dissipation is the voltage between the supply
pins (±VS) multiplied by the quiescent current (IS).
PD = Quiescent Power + (Total Drive Power − Load Power)

L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2


RMS output voltages should be considered. If RL is referenced to
−VS, as in single-supply operation, the total drive power is VS ×
IOUT. If the rms signal levels are indeterminate, consider the worst
case, when VOUT = VS/4 for RL to midsupply.

L
S
S
S
D
R
V
I
V
P
2
4
/
In single-supply operation with RL referenced to −VS, worst case
is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA.
Also, more metal directly in contact with the package leads
and exposed paddle from metal traces, through holes, ground,
and power planes reduces θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature on a JEDEC standard
4-layer board. θJA values are approximations.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–45 –35 –25 –15 –5
5
15
25
35
45
55
65
75
85
95 105 115 125
AMBIENT TEMPERATURE (°C)
8-LEAD SOIC
8-LEAD LFCSP
TJ = 150°C
8-LEAD MSOP
6-LEAD SOT-23
10-LEAD MSOP
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com