Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD797 Datasheet(PDF) 19 Page - Analog Devices

Part # AD797
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD797 Datasheet HTML 15Page - Analog Devices AD797 Datasheet HTML 16Page - Analog Devices AD797 Datasheet HTML 17Page - Analog Devices AD797 Datasheet HTML 18Page - Analog Devices AD797 Datasheet HTML 19Page - Analog Devices AD797 Datasheet HTML 20Page - Analog Devices AD797 Datasheet HTML 21Page - Analog Devices AD797 Datasheet HTML 22Page - Analog Devices AD797 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADA4896-2/ADA4897-1/ADA4897-2
Rev.
| Page 19 of 28
NOISE CONSIDERATIONS
Figure 48 illustrates the primary noise contributors for the
typical gain configurations. The total rms output noise is
the root-mean-square of all the contributions.
RG
RS
iep
ien
+ vout_en –
RF
ven
4kT × RS
vn _ RS =
4kT × RG
vn _ RG =
4kT × RF
vn _ RF =
Figure 48. Noise Sources in Typical Connection
The output noise spectral density can be calculated by
[]
2
2
2
2
2
2
2
4
4
1
4
_
F
G
G
F
S
G
F
F
R
ien
kTR
R
R
ven
R
iep
kTRs
R
R
kTR
en
vout
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
(6)
where:
k is Boltzmann’s constant.
T is the absolute temperature (degrees Kelvin).
iep and ien represent the amplifier input current noise spectral
density (pA/√Hz).
ven is the amplifier input voltage noise spectral density (nV/√Hz).
RS is the source resistance, as shown in Figure 48.
RF and RG are the feedback network resistances, as shown in
Figure 48.
Source resistance noise, amplifier voltage noise (ven), and the
voltage noise from the amplifier current noise (iep × RS) are all
subject to the noise gain term (1 + RF/RG). Note that with a
1 nV/√Hz input voltage noise and 2.8 pA/√Hz input current
noise, the noise contributions of the amplifier are relatively
small for source resistances from approximately 50 Ω to 700 Ω.
Figure 49 shows the total RTI noise due to the amplifier vs. the
source resistance. In addition, the value of the feedback resistors
used affects the noise. It is recommended that the value of the
feedback resistors be maintained between 250 Ω and 1 kΩ to
keep the total noise low.
50
500
SOURCE RESISTANCE (Ω)
5
0.5
50
500
5k
50k
TOTAL
AMPLIFIER NOISE
AMPLIFIER AND
RESISTOR NOISE
SOURCE
RESISTANCE NOISE
Figure 49. RTI Noise vs. Source Resistance
CAPACITANCE DRIVE
Capacitance at the output of an amplifier creates a delay within the
feedback path that, if within the bandwidth of the loop, can create
excessive ringing and oscillation. The ADA4896-2/ADA4897-1/
ADA4897-2 show the most peaking at a gain of +2 (see Figure 9).
Placing a small snub resistor (RSNUB) in series with the amplifier
output and the capacitive load mitigates the problem. Figure 50
shows the effect of using a snub resistor (RSNUB) on reducing the
peaking for the worst-case frequency response (gain of +2).
Using RSNUB = 100 Ω eliminates the peaking entirely, with the
trade-off that the closed-loop gain is reduced by 0.8 dB due to
attenuation at the output. RSNUB can be adjusted from 0 Ω to
100 Ω to maintain an acceptable level of peaking and closed-
loop gain (see Figure 50).
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
0.1
1
10
100
RSNUB = 50Ω
RSNUB = 0Ω
RSNUB = 100Ω
ADA4896-2
RL
1kΩ
R1
249Ω
R2
249Ω
CL
39pF
RSNUB
VIN
VOUT
VS = +5V
VOUT = 200mV p-p
G = +2
Figure 50. Using a Snub Resistor to Reduce Peaking
Due to Output Capacitive Load
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com