Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5421 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5421
Description  Low Power HART Modem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5421 Datasheet HTML 6Page - Analog Devices AD5421 Datasheet HTML 7Page - Analog Devices AD5421 Datasheet HTML 8Page - Analog Devices AD5421 Datasheet HTML 9Page - Analog Devices AD5421 Datasheet HTML 10Page - Analog Devices AD5421 Datasheet HTML 11Page - Analog Devices AD5421 Datasheet HTML 12Page - Analog Devices AD5421 Datasheet HTML 13Page - Analog Devices AD5421 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5700/AD5700-1
Data Sheet
Rev. A | Page 10 of 20
Figure 9. Supply Currents vs. Supply Voltage—Internal Reference
Figure 10. Current in Tx Mode vs. Resistive Load
Figure 11. Current in Tx Mode vs. Capacitive Load
Figure 12. Input Filter Frequency Response
Figure 13. Reference Voltage vs. VCC
Figure 14. Reference Voltage vs. Temperature
200
180
160
140
120
100
80
60
40
20
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC = IOVCC (V)
TA = 25°C
VCC = IOVCC = 2V TO 5.5V
DEV 1 INT REF
DEMOD ICC AND IOICC
MOD ICC AND IOICC
700
600
500
400
300
200
100
0
0
200
400
600
800
1000
1200
RLOAD (Ω) WITH 22nF TO GND
HART_OUT
2.2µF
22nF
RLOAD
TXD = 1
TXD = 0
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
CLK CONFIG = XTAL OSCILLATOR
IOICC = 41µA
250
225
200
175
150
125
100
75
50
25
0
0
1020
30
4050
60
CLOAD (nF)
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
CLK CONFIG = XTAL OSCILLATOR
CAPACITIVE LOAD ONLY
IOICC = 41µA
TXD = 1
TXD = 0
0
–2
–4
–6
–8
–10
–12
–14
–16
–20
–18
100
1k
10k
FREQUENCY (Hz)
EXTERNAL FILTER
INTERNAL FILTER
TA = 25°C
VCC = IOVCC = 3.3V
INT VREF
1.5012
1.5010
1.5008
1.5006
1.5004
1.5002
1.5000
1.4998
1.4996
1.01.52.02.5
3.03.54.04.55.0
5.5
6.0
VCC (V)
TA = 25°C
VCC = IOVCC = 2V TO 5.5V
1.5006
1.5004
1.5002
1.5000
1.4998
1.4996
1.4994
1.4992
1.4990
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VCC = IOVCC = 2.7V
TEMPERATURE = –40°C TO +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com