Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5421 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5421
Description  Low Power HART Modem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5421 Datasheet HTML 12Page - Analog Devices AD5421 Datasheet HTML 13Page - Analog Devices AD5421 Datasheet HTML 14Page - Analog Devices AD5421 Datasheet HTML 15Page - Analog Devices AD5421 Datasheet HTML 16Page - Analog Devices AD5421 Datasheet HTML 17Page - Analog Devices AD5421 Datasheet HTML 18Page - Analog Devices AD5421 Datasheet HTML 19Page - Analog Devices AD5421 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD5700/AD5700-1
Rev. A | Page 17 of 20
APPLICATIONS INFORMATION
SUPPLY DECOUPLING
It is recommended to decouple the VCC and IOVCC supplies with
10 μF in parallel with 0.1 μF capacitors to ground. For many
applications, 1 μF in parallel with 0.1 μF ceramic capacitors to
ground should be sufficient. The REG_CAP voltage of 1.8 V is
used to supply the AD5700/AD5700-1 internal circuitry and is
derived from the VCC supply using a high efficiency clocking
LDO. Decouple this REG_CAP supply with a 1 μF ceramic
capacitor to ground. It is also required to decouple the REF pin
with a 1 μF ceramic capacitor to ground. Place decoupling
capacitors as close to the relevant pins as possible.
For loop-powered applications, it is recommended to connect a
resistance in series with the VCC supply to minimize the effect of
any noise, which may, depending on the system configuration, be
introduced onto the loop as a result of current draw variations
from the AD5700/AD5700-1. For typical applications, 470 Ω of
resistance has proven most effective. However, depending on the
application conditions, alternative values may also be acceptable
(see R1 in Figure 27).
TYPICAL CONNECTION DIAGRAMS
Figure 26 shows a typical connection diagram for the AD5700/
AD5700-1 using the external and internal options. See the
Connecting to HART_IN or ADC_IP section for more details.
The AD5700/AD5700-1 are designed to interface easily with
Analog Devices, Inc., innovative portfolio of industrial
converters like the AD5421 loop-powered current-output DAC,
the AD5410/AD5420 and AD5412/AD5422 family of line-
powered current-output DACs, and the AD5755-1, a quad DAC
with innovative dynamic power control technology. The
combination of Analog Devices industrial converters and the
AD5700/AD5700-1 greatly simplifies system design, enhancing
reliability while reducing overall PCB size.
Figure 27 shows how the AD5700/AD5700-1 HART modem
can be interfaced with the AD5421 (4 mA to 20 mA loop-powered
DAC) and a microcontroller to construct a loop powered transmit-
ter circuit. The HART signal from HART_OUT is introduced to
the AD5421 via the CIN pin.
The HART enabled smart transmitter reference demo circuit
(the block diagram shown in Figure 28) was developed by
Analog Devices and uses the AD5421, a 16-bit, loop-powered,
4 mA to 20 mA DAC, and the AD5700 modem. This circuit has
been compliance tested, verified, and registered as an approved
HART solution by the HART Communication Foundation.
Contact your sales representative for further information about
this demo circuit.
In conclusion, the AD5700/AD5700-1 enable quick and easy
deployment of a robust HART-compliant system.
Figure 26. AD5700/AD5700-1 Typical Connection Diagram for External and Internal Filter Options
10µF
0.1µF
0.1µF
1µF
10µF
150pF
1µF
2V TO 5.5V
1.71V TO 5.5V
IOVCC VCC
AGND
AD5700/AD5700-1
150kΩ
1.2MΩ
1.2MΩ
300pF
REF
HART_OUT
DGND
CONFIGURATION
PINS
HART_IN
ADC_IP
CD
RXD
TXD
RTS
10µF
0.1µF
1µF
2V TO 5.5V
IOVCC VCC
AGND
AD5700/AD5700-1
REF
HART_OUT
DGND
CONFIGURATION
PINS
HART_IN
ADC_IP
CD
RXD
TXD
RTS
680pF
2.2nF
1µF
+
0.1µF
10µF
1.71V TO 5.5V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com