Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5780 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5780
Description  Ultra Stable, 16-Bit 짹0.5 LSB INL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5780 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5780 Datasheet HTML 10Page - Analog Devices AD5780 Datasheet HTML 11Page - Analog Devices AD5780 Datasheet HTML 12Page - Analog Devices AD5780 Datasheet HTML 13Page - Analog Devices AD5780 Datasheet HTML 14Page - Analog Devices AD5780 Datasheet HTML 15Page - Analog Devices AD5780 Datasheet HTML 16Page - Analog Devices AD5780 Datasheet HTML 17Page - Analog Devices AD5780 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD5760
Data Sheet
Rev. B | Page 14 of 32
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
VDD/|VSS| (V)
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
TA = 25°C
VREFP = +10V
VREFN = –10V
AD8675 OUTPUT BUFFER
Figure 24. Full-Scale Error vs. Supply Voltage, ±10 V Span
–0.9
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
15.5
16.5
VDD/|VSS| (V)
TA = 25°C
VREFP = 5V
VREFN = 0V
AD8675 OUTPUT BUFFER
Figure 25. Full-Scale Error vs. Supply Voltage, 5 V Span
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
VDD/|VSS| (V)
TA = 25°C
VREFP = +10V
VREFN = –10V
AD8675 OUTPUT BUFFER
Figure 26. Gain Error vs. Supply Voltage, ±10 V Span
0.26
0.28
0.30
0.32
0.34
0.36
0.38
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
15.5
16.5
VDD/|VSS| (V)
TA = 25°C
VREFP = 5V
VREFN = 0V
AD8675 OUTPUT BUFFER
Figure 27. Gain Error vs. Supply Voltage, 5 V Span
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
INL MAX
INL MIN
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 28. Integral Nonlinearity Error vs. Reference Voltage
–0.02
0
0.02
0.04
0.06
0.08
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
INL MAX
INL MIN
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 29. Differential Nonlinearity Error vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com