Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5780 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5780
Description  Ultra Stable, 16-Bit 짹0.5 LSB INL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5780 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5780 Datasheet HTML 24Page - Analog Devices AD5780 Datasheet HTML 25Page - Analog Devices AD5780 Datasheet HTML 26Page - Analog Devices AD5780 Datasheet HTML 27Page - Analog Devices AD5780 Datasheet HTML 28Page - Analog Devices AD5780 Datasheet HTML 29Page - Analog Devices AD5780 Datasheet HTML 30Page - Analog Devices AD5780 Datasheet HTML 31Page - Analog Devices AD5780 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD5760
Rev. B | Page 29 of 32
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
0.30
0.25
0.20
1.00
0.90
0.80
1
7
8
12
13
19
20
24
5.00 BSC
4.00 BSC
PIN 1
INDICATOR
(Chamfer 0.225)
3.75
3.65
3.50
2.75
2.65
2.50
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDICATOR
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.50
BSC
0.50
0.40
0.30
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 56. 24-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 5 mm, Very Thin Quad
(CP-24-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
INL
Package Description
Package Option
AD5760BCPZ
−40°C to +125°C
±0.5 LSB
24-Lead LFCSP_VQ
CP-24-5
AD5760BCPZ-REEL7
−40°C to +125°C
±0.5 LSB
24-Lead LFCSP_VQ
CP-24-5
AD5760ACPZ
−40°C to +125°C
±2 LSB
24-Lead LFCSP_VQ
CP-24-5
AD5760ACPZ-REEL7
−40°C to +125°C
±2 LSB
24-Lead LFCSP_VQ
CP-24-5
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com