Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421BRMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8421BRMZ-R7
Description  3 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421BRMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8421BRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8421
Data Sheet
Rev. 0 | Page 6 of 28
ARM Grade
BRM Grade
Parameter
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
Unit
Offset RTI vs. Supply (PSR)
VS = ±2.5 V to ±18 V
G = 1
90
120
100
120
dB
G = 10
110
120
120
140
dB
G = 100
124
130
140
150
dB
G = 1000
130
140
140
150
dB
INPUT CURRENT
Input Bias Current
1
2
0.1
1
nA
Over Temperature
TA = −40°C to +85°C
8
6
nA
Average TC
50
50
pA/°C
Input Offset Current
0.5
2
0.1
1
nA
Over Temperature
TA = −40°C to +85°C
3
1.5
nA
Average TC
1
1
pA/°C
DYNAMIC RESPONSE
Small Signal Bandwidth
−3 dB
G = 1
10
10
MHz
G = 10
10
10
MHz
G = 100
2
2
MHz
G = 1000
0.2
0.2
MHz
Settling Time 0.01%
10 V step
G = 1
0.7
0.7
μs
G = 10
0.4
0.4
μs
G = 100
0.6
0.6
μs
G = 1000
5
5
μs
Settling Time 0.001%
10 V step
G = 1
1
1
μs
G = 10
0.6
0.6
μs
G = 100
0.8
0.8
μs
G = 1000
6
6
μs
Slew Rate
G = 1 to 100
35
35
V/μs
GAIN3
G = 1 + (9.9 kΩ/RG)
Gain Range
1
10,000
1
10,000
V/V
Gain Error
VOUT = ±10 V
G = 1
0.05
0.02
%
G = 10 to 1000
0.3
0.2
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
RL ≥ 2 kΩ
1
1
ppm
RL = 600 Ω
1
3
1
3
ppm
G = 10 to 1000
RL ≥ 600 Ω
30
50
30
50
ppm
VOUT = −5 V to +5 V
5
10
5
10
ppm
Gain vs. Temperature3
G = 1
5
0.1
1
ppm/°C
G > 1
−50
−50
ppm/°C
INPUT
Input Impedance
Differential
30||3
30||3
GΩ||pF
Common Mode
30||3
30||3
GΩ||pF
Input Operating Voltage
Range4
VS = ±2.5 V to ±18 V
−VS + 2.3
+VS − 1.8
−VS + 2.3
+VS − 1.8
V
Over Temperature
TA = −40°C
−VS + 2.5
+VS − 2.0
−VS + 2.5
+VS − 2.0
V
TA = +85°C
−VS + 2.1
+VS − 1.8
−VS + 2.1
+VS − 1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com