Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421BRMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8421BRMZ-R7
Description  3 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421BRMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8421BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8421BRMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
AD8421
Rev. 0 | Page 15 of 28
+VS
–VS
02
20
18
SUPPLY VOLTAGE (±VS)
4
6
8
10
12
14
16
–0.5
–1.0
–1.5
–2.0
–2.5
+0.5
+1.0
+1.5
+2.0
+2.5
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 34. Output Voltage Swing vs. Supply Voltage, RL = 600 Ω
15
10
–15
–10
–5
5
0
100
100k
LOAD (Ω)
1k
10k
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 35. Output Voltage Swing vs. Load Resistance
+VS
–VS
0
0.01
0.10
0.09
OUTPUT CURRENT (A)
0.02 0.03 0.04 0.05 0.06 0.07 0.08
–2
–4
–6
–8
+2
+4
+6
+8
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 36. Output Voltage Swing vs. Output Current
5
4
3
–5
–4
–3
–2
–1
0
1
2
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
GAIN = 1
RL = 2kΩ
RL = 10kΩ
Figure 37. Gain Nonlinearity (G = 1), RL = 10 kΩ, 2 kΩ
5
4
3
–5
–4
–3
–2
–1
0
1
2
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
GAIN = 1
RL = 600Ω
Figure 38. Gain Nonlinearity (G = 1), RL = 600 Ω
100
80
60
–100
–80
–60
–40
–20
0
20
40
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
GAIN = 1000
RL = 600Ω
Figure 39. Gain Nonlinearity (G = 1000), RL = 600 Ω, VOUT = ±10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com