Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4897-2ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4897-2ARMZ-R7
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4897-2ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4897-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADA4896-2/ADA4897-1/ADA4897-2
Data Sheet
Rev.
| Page 18 of 28
DC ERRORS
Figure 46 shows a typical connection diagram and the major
dc error sources.
RG
– VIN +
RS
– VIP +
IB+
IB–
+ VOUT –
RF
+ VOS –
Figure 46. Typical Connection Diagram and DC Error Sources
The ideal transfer function (all error sources set to 0 and
infinite dc gain) can be written as
IN
G
F
IP
G
F
OUT
V
R
R
V
R
R
V
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
= 1
(1)
This equation reduces to the familiar forms for noninverting
and inverting op amp gain expressions, as follows:
For noninverting gain (VIN = 0 V)
IP
G
F
OUT
V
R
R
V
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
= 1
(2)
For inverting gain (VIP = 0 V)
IN
G
F
OUT
V
R
R
V
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ −
=
(3)
The total output voltage error is the sum of errors due to the
amplifier offset voltage and input currents. The output error
due to the offset voltage can be estimated as
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
+
−
+
+
=
G
F
OUT
PNOM
P
CM
OFFSET
OUT
R
R
A
V
PSRR
V
V
CMRR
V
V
V
NOM
ERROR
1
(4)
where:
is the offset voltage at the specified supply voltage,
which is measured with the input and output at midsupply.
VCM is the common-mode voltage.
VP is the power supply voltage.
VPNOM is the specified power supply voltage.
CMRR is the common-mode rejection ratio.
PSRR is the power supply rejection ratio.
A is the dc open-loop gain.
NOM
OFFSET
V
The output error due to the input currents can be estimated as
+
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
B
G
F
S
B
G
F
G
F
OUT
I
R
R
R
I
R
R
R
R
V
ERROR
1
1
)
||
(
(5)
BIAS CURRENT CANCELLATION
To cancel the output voltage error due to unmatched bias
currents at the inputs, RBP and RBN can be used (see Figure 47).
RG
RS
RBP
RBN
RF
Figure 47. Using RBP and RBN to Cancel Bias Current Error
To compensate for the unmatched bias currents at the two
inputs, set RBP and RBN as shown in Table 11.
Table 11. Setting RBN and RBP to Cancel Bias Current Errors
Value of RF||RG
Value of RBP (Ω)
Value of RBN (Ω)
Greater Than RS
RF||RG − RS
0
Less Than RS
0
RS − RF||RG
Table 12 shows sample values for RBP and RBN when RF||RG > RS
and when RF||RG < RS.
Table 12. Examples of RBN and RBP Settings
Gain
RF (Ω)
RG (Ω)
RS (Ω)
RBP (Ω)
RBN (Ω)
+2
249
249
50
74.5
0
+10
249
27.4
50
0
25.3
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com