Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4897-2ARMZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4897-2ARMZ-R7
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4897-2ARMZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4897-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4897-2ARMZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADA4896-2/ADA4897-1/ADA4897-2
Data Sheet
Rev.
| Page 24 of 28
LAYOUT CONSIDERATIONS
To ensure optimal performance, careful and deliberate attention
must be paid to the board layout, signal routing, power supply
bypassing, and grounding.
Ground Plane
It is important to avoid ground in the areas under and around the
input and output of the ADA4896-2/ADA4897-1/ADA4897-2.
Stray capacitance created between the ground plane and the
input and output pads of a device is detrimental to high speed
amplifier performance. Stray capacitance at the inverting input,
along with the amplifier input capacitance, lowers the phase
margin and can cause instability. Stray capacitance at the output
creates a pole in the feedback loop, which can reduce phase margin
and can cause the circuit to become unstable.
Power Supply Bypassing
Power supply bypassing is a critical aspect in the performance
of the ADA4896-2/ADA4897-1/ADA4897-2. A parallel connec-
tion of capacitors from each power supply pin to ground works
best. Smaller value capacitor electrolytics offer better high
frequency response, whereas larger value capacitor electrolytics
offer better low frequency performance.
Paralleling different values and sizes of capacitors helps to ensure
that the power supply pins are provided with a low ac impedance
across a wide band of frequencies. This is important for minimiz-
ing the coupling of noise into the amplifier—especially when the
amplifier PSRR begins to roll off—because the bypass capacitors
can help lessen the degradation in PSRR performance.
The smallest value capacitor should be placed on the same side
of the board as the amplifier and as close as possible to the amp-
lifier power supply pins. The ground end of the capacitor should
be connected directly to the ground plane.
It is recommended that a 0.1 μF ceramic capacitor with a 0508
case size be used. The 0508 case size offers low series inductance
and excellent high frequency performance. A 10 μF electrolytic
capacitor should be placed in parallel with the 0.1 μF capacitor.
Depending on the circuit parameters, some enhancement to
performance can be realized by adding additional capacitors.
Each circuit is different and should be analyzed individually for
optimal performance.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com