Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8157 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE8157
Description  Narrow-Band Power Line
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8157 Datasheet(HTML) 1 Page - Analog Devices

  ADE8157 Datasheet HTML 1Page - Analog Devices ADE8157 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Narrow-Band Power Line
Communications Slave Modem IC
Data Sheet
ADE8157
Rev. SpB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Narrow-band power line communications IC
Integrates physical layer, data link layer, and networking layer
Application layer
Supports DL/T 645-1997 or -2007 data protocol (specific to
China), as well as a pass-through option
Networking layer
Automatic baud rate negotiation
Dynamic routing
Data link layer
CRC error checking
Network key for data security
Physical layer
FSK modulation
Up to 800 bps on a single-phase
Single 3.3 V supply, low power (140 mW typical)
Package and temperature range
40-lead, 6 mm × 6 mm LFCSP
Fully specified for −40°C to +85°C operation
APPLICATIONS
Power line modems for AMR/AMI systems
GENERAL DESCRIPTION
The ADE81571 is a complete digital baseband processor IC that
includes a physical layer (PHY), data link layer (DLL), and net-
working layer (NL). The ADE8157 includes a high performance
receive path analog-to-digital converter (ADC) to reduce the
external component count. An on-chip digital modulator creates
the transmit signal for an external field effect transistor (FET)
driver. The ADE8157 can communicate directly with an energy
meter over the on-chip UART. The ADE8157 slave modem IC
is designed to work with the ADE8167 master modem IC for a
complete power line communication system.
In an advanced metering infrastructure (AMI) system, the
ADE8157 IC provides the essential functions of a slave modem,
which enables energy meters to communicate over the power
line. Each slave modem operates as a node in a mesh network.
The mesh network is under the control of a single master modem.
The ADE8167 IC provides the foundation for a master PLC
modem.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
For more information about the ADE8157 slave modem IC, contact your local Analog Devices, Inc., sales office.
1
U.S. patents pending.
ADE8157
CONN/RUN
RXEN
IR_TX
URXD
UTXD
RS485_OE/PHA
ATUM1
ATUM0
3PHASE
DEMODULATOR
MODULATOR
PHY
DLL
NL
33
10
STA/PHB 30
PHC 31
EVENT/IR_RX
3
FSEL
20
ZX
37
PLC_RX+
38
40
1
2
24
PLC_RX–
12-BIT
ADC
OSC
LDO
XTAL0
25
XTAL1
19
nRST
15
16
VDD
VREG
14
DGND
17
DGND
5
AGND
36
AVDD
35
AGND
39
AGND
34
VREF
UART
21
23
22
29
26
TX_LED/UACT
32
RX_LED/PACT
PLC_TX+
PLC_TX–
11
28
27
DACOUT0
DACOUT1
6
ADCIN
4
7


Similar Part No. - ADE8157

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8155 AD-ADE8155 Datasheet
73Kb / 2P
Narrow-Band Power-Line Communications Slave Modem IC with Networking Stack
Rev. Sp0
More results

Similar Description - ADE8157

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL5018 DAEWOO-DBL5018 Datasheet
226Kb / 5P
LOW POWER NARROW BAND FM IF
logo
Wuxi Youda electronics ...
YD3361 YOUDA-YD3361 Datasheet
98Kb / 5P
LOW POWER NARROW BAND IF AMPLIFIER
logo
AUK corp
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
LOW POWER NARROW BAND FM IF
NJM3359 NJRC-NJM3359_1 Datasheet
152Kb / 4P
LOW POWER NARROW BAND FM IF
logo
Analog Devices
ADE8155 AD-ADE8155 Datasheet
73Kb / 2P
Narrow-Band Power-Line Communications Slave Modem IC with Networking Stack
Rev. Sp0
ADE8165 AD-ADE8165 Datasheet
58Kb / 2P
Narrow-Band Power-Line Communications Master Modem IC with Networking Stack
Rev. Sp0
logo
STMicroelectronics
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
logo
Microchip Technology
PL485 MICROCHIP-PL485 Datasheet
742Kb / 22P
Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com