Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ-RL Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7880ACPZ-RL
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ-RL Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7880ACPZ-RL Datasheet HTML 9Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 10Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 11Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 12Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 13Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 14Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 15Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 16Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 13 of 104
TYPICAL PERFORMANCE CHARACTERISTICS
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
+25°C, PF = 1.0
–40°C, PF = 1.0
+85°C, PF = 1.0
Figure 7. Total Active Energy Error as Percentage of Reading (Gain = +1,
Power Factor = 1) over Temperature with Internal Reference and
Integrator Off
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
GAIN = +1
GAIN = +2
GAIN = +4
GAIN = +8
GAIN = +16
Figure 8. Total Active Energy Error as Percentage of Reading over Gain with
Internal Reference and Integrator Off
0.5
–0.5
–0.3
–0.1
0.1
0.3
45
47
49
51
53
55
57
59
61
63
65
LINE FREQUENCY (Hz)
PF = +1.0
PF = +0.5
PF = –0.5
Figure 9. Total Active Energy Error as Percentage of Reading (Gain = +1) over
Frequency with Internal Reference and Integrator Off
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
VDD = 2.97V
VDD = 3.30V
VDD = 3.63V
Figure 10. Total Active Energy Error as Percentage of Reading (Gain = +1)
over Power Supply with Internal Reference and Integrator Off
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
+25°C, PF = 1.0
–40°C, PF = 1.0
+85°C, PF = 1.0
Figure 11. Total Active Energy Error as Percentage of Reading (Gain = +16)
over Temperature with Internal Reference and Integrator On
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
+25°C, PF = 1.0
–40°C, PF = 1.0
+85°C, PF = 1.0
Figure 12. Fundamental Active Energy Error as Percentage of Reading
(Gain = +1, Power Factor = 1) over Temperature with Internal Reference and
Integrator Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com