Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ-RL Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7880ACPZ-RL
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ-RL Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7880ACPZ-RL Datasheet HTML 17Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 18Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 19Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 20Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 21Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 22Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 23Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 24Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 21 of 104
PHASE
COUNTER = 1
PHASE
COUNTER = 2
PHASE
COUNTER = 3
LPLINE[4:0] = 2
IRQ1
IA CURRENT
LPOIL[2:0]
THRESHOLD
Figure 33. PSM2 Mode Triggering IRQ Pin for LPLINE[4:0] = 2 (50 Hz Systems)
The I2C or SPI port is not functional during this mode. The PSM2
mode reduces the power consumption required to monitor the
currents when there is no voltage input and the voltage supply
of the ADE7880 is provided by an external battery. If the IRQ0
pin is triggered low at the end of a measurement period, this
signifies all phase currents stayed below threshold and,
therefore, there is no current flowing through the system.
At this point, the external microprocessor sets the
into Sleep Mode PSM3. If the
ADE7880
IRQ1 pin is triggered low at the
end of the measurement period, this signifies that at least one
current input is above the defined threshold and current is
flowing through the system, although no voltage is present at
the
pins. This situation is often called missing neutral
and is considered a tampering situation, at which point the
external microprocessor sets the
into PSM1 mode,
measures the mean absolute values of phase currents, and
integrates the energy based on their values and the nominal
voltage.
ADE7880
ADE7880
It is recommended to use the ADE7880 in PSM2 mode when
Bits[2:0] (PGA1[2:0]) of the Gain register are equal to 1 or 2.
These bits represent the gain in the current channel datapath. It
is not recommended to use the ADE7880 in PSM2 mode when
the PGA1[2:0] bits are equal to 4, 8, or 16.
PSM3—SLEEP MODE (ALL PARTS)
In sleep mode, the ADE7880 has most of its internal circuits
turned off and the current consumption is at its lowest level.
The I2C, HSDC, and SPI ports are not functional during this
mode, and the RESET, SCLK/SCL, MOSI/SDA, and SS/HSA pins
should be set high.
Table 10. Power Modes and Related Characteristics
Power Mode
All Registers1
LPOILVL, CONFIG2
I2C/SPI
Functionality
PSM0
State After Hardware Reset
Set to default
Set to default
I2C enabled
All circuits are active and DSP is in idle
mode.
State After Software Reset
Set to default
Unchanged
Active serial port is
unchanged if lock-
in procedure has
been previously
executed
All circuits are active and DSP is in idle
mode.
PSM1
Not available
PSM0 values retained
Enabled
Current mean absolute values are
computed and the results are stored
in the AIMAV, BIMAV, and CIMAV
registers. The I2C or SPI serial port is
enabled with limited functionality.
PSM2
Not available
PSM0 values retained
Disabled
Compares phase currents against the
threshold set in LPOILVL. Triggers
IRQ0or IRQ1 pins accordingly. The
serial ports are not available.
PSM3
Not available
PSM0 values retained
Disabled
Internal circuits shut down and the
serial ports are not available.
1 Setting for all registers except the LPOILVL and CONFIG2 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com