Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

031-71013-RFX Datasheet(PDF) 10 Page - Amphenol Corporation

Part # 031-71013-RFX
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-71013-RFX Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button 031-71013-RFX Datasheet HTML 6Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 7Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 8Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 9Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 10Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 11Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 12Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 13Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
114
Amphenol® RF:
800-627-7100
BNC
BNC
Angle Jacks
Plating
Part Number
Body
Contact Mounting Style
Grade
Description
031-5640
Nickel
Gold
Blunt Post
Industrial
031-5640-1010
Nickel
Gold
Compliant Pin
Industrial
031-5431
Nickel
Gold
Blunt Post
Industrial
031-5538-1010
Nickel
Gold
Compliant Pin
Industrial
031-5431-1010
Nickel
Gold
Compliant Pin
Industrial
White Plastic Housing
031-5431-10RFX
Nickel
Gold
Compliant Pin
Commercial
White Plastic Housing
031-5486-10RFX
Nickel
Gold
Compliant Pin
Commercial
White Plastic Housing
031-5538
Nickel
Gold
Blunt Post
Industrial
Black Plastic Housing
031-5538-10RFX
Nickel
Gold
Compliant Pin
Commercial
Black Plastic Housing
Low Profile Angle Jacks
Part
Plating
Number
Body
Contact
Mounting Style
Grade
031-5637
Nickel
Gold
Blunt Post
Industrial
031-5540-1010
Nickel
Gold
Compliant Pin
Industrial
Straight Bulkhead Jacks
Plating
Part Number
Body
Contact
Mounting Style
Description
Grade
031-5493
Nickel
Gold
Blunt Post
White Plastic Housing
Industrial
031-5539
Nickel
Gold
Blunt Post
Black Plastic Housing
Industrial
031-5539-1010
Nickel
Gold
Blunt Post
Black Plastic Housing
Industrial
Low Profile Angle Bulkhead Jacks
Plating
Part Number
Body
Contact
Mounting Style
Description
Grade
031-5486
Nickel
Gold
Blunt Post
White Plastic Housing
Industrial
031-5486-1010
Nickel
Gold
Compliant Pin
White Plastic Housing
Industrial
031-5540
Nickel
Gold
Blunt Post
Black Plastic Housing
Industrial
50Ω Printed Circuit Board Connectors (continued)
50Ω Adapters
Straight Plug-Plug
Plating
Part Number
Body
Contact
Description
Grade
031-218
Nickel
Silver
Straight, Plug-Plug
Industrial
031-218-RFX
Nickel
Gold
Straight, Plug-Plug
Commercial
Straight Jack-Jack
Plating
Part Number
Body
Contact
Grade
031-219
Nickel
Silver
Industrial
031-219-RFX
Nickel
Silver
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com