Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

031-71013-RFX Datasheet(PDF) 13 Page - Amphenol Corporation

Part # 031-71013-RFX
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-71013-RFX Datasheet(HTML) 13 Page - Amphenol Corporation

Back Button 031-71013-RFX Datasheet HTML 8Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 9Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 10Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 11Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 12Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 13Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 14Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 15Page - Amphenol Corporation 031-71013-RFX Datasheet HTML 16Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
117
Amphenol® RF:
800-627-7100
75Ω Receptacles
Bulkhead Solder Cup Jacks
Plating
Part Number
Body
Contact
Terminal Type
Type
Grade
031-10-75
Nickel
Gold
Solder Cup
2
Commercial
031-221-75RFX
Nickel
Gold
Solder Cup
2
Commercial
031-70018
Gold
Nickel
Solder Cup
1
Industrial
031-71004
Nickel
Gold
Solder Cup
2
Commercial
75Ω Printed Circuit Board Connectors
Straight Jacks
Plating
Part Number
Body
Contact
Mounting Style
Type
Grade
031-71045-1010
Nickel
Gold
Compliant Pin
2
Industrial
031-71058
Nickel
Gold
Blunt Post
2
Industrial
031-71062
Nickel
Gold
Thru-Hole (Blunt Post)
2
Industrial
031-6009
Nickel
Gold
Edge
2
Industrial
031-70040-100T
Nickel
Gold
Blunt Post
1
Industrial
Angle Jacks
Plating
Part Number
Body
Contact
Mounting Style
Type
Grade
031-71043
Nickel
Gold
Blunt Post
2
Industrial
031-71043-1010
Nickel
Gold
Compliant Pin
2
Industrial
031-71052
Nickel
Gold
Blunt Post
2
Industrial
031-71052-10RFX
Nickel
Nickel
Compliant Pin, Blunt Post
2
Commercial
031-71053
Nickel
Gold
Blunt Post
2
Industrial
031-71053-1010
Nickel
Gold
Compliant Pin
2
Industrial
BNC
BNC
Bulkhead Crimp-Crimp Jacks
Plating
Cable Group Part Number
Body
Contact
Type
Grade
B1
031-71016-RFX
Nickel
Gold
2
Commercial
E
031-71011-RFX
Nickel
Gold
2
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com