Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5304ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADL5304
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VPOS = 5 V, VNEG = 0 V, TA = 25°C; IDEN = IREF; VSM1 to VSM4, 1P5V, DCBI, and INPS tied together; SCL1 = VLOG; SCL2 = INMS;
SCL3 = open; scale = 200 mV/dec; VLOG output load RL > 2 kΩ, unless otherwise noted. Upper case indicates a pin name (for example,
VLOG) and subscripted indicates signal name (for example, VLOG).
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT INTERFACES
INUM, IDEN, VSMx pins
Specified Current Range
Flows toward each input pin (INUM and IDEN),
−5 V ≤ VNEG ≤ −2 V
1−12
10−3
A
VNEG = 0 V
1−12
3−3
A
Temperature Drift (INUM and IDEN)
−40°C < TA < +85°C
0.01
mV/°C
Input Guard Offset Voltage
VINUM − VVSUM
−2
±0.6
+2
mV
LOGARITHMIC OUTPUT
VLOG pin, referenced to ACOM; input applied to
INUM1
Logarithmic Slope, VY
25°C
195
200
205
mV/dec
−40°C < TA < +85°C
−2
+3
mV/dec
Logarithmic Intercept, IZ2
Extrapolated input current at VLOG = 0 V
3.162
fA
Logarithmic Offset
Difference between VLOG and VSUM with INUM = IDEN
−8
+5
mV
−40°C < TA < +85°C
25
μV/°C
Logarithmic Law Conformance Error
Maximum deviation from best fit over
1 nA to 100 μA range
−0.7
±0.2
+0.7
dB
VLOG OUTPUT
INPS, INMS, VLOG, SCL1, SCL2, SCL3 pins
Output Buffer Offset Voltage
−3
+0.1
+3
mV
Output Buffer Bias Current
Flowing out of the INPS pin
−1.3
μA
Incremental Input Resistance
Pin INPS
12
MΩ
Output Range
RL open
VNEG + 0.2
VPOS − 0.2
V
Output Noise Spectral Density3
INUM > 1 nA
<6
μV/√Hz
Small Signal Bandwidth
INUM = 1 nA
25
kHz
INUM = 10 nA
350
kHz
INUM = 100 nA
1.2
MHz
INUM > 1 μA
4
MHz
Falling Edge Settling Times4
INUM = 100 nA to 10 nA
10
μs
INUM = 1 μA to 100 nA
2.2
μs
INUM = 10 μA to 1 μA
0.5
μs
INUM > 10 μA
<0.5
μs
Nominal Voltage Swing
For input current range of 1 pA to 10 mA
0.5
2.5
V
Output Impedance
Frequency < 1 MHz
<2
Ω
REFERENCE OUTPUTS
1P5V, 2VLT, IREF pins
1P5V (Referenced to ACOM)
25°C
1.495
1.500
1.505
V
−40°C < TA < +85°C
30
μV/°C
Output Current
−10
+5
mA
2VLT (Referenced to ACOM)
25°C
1.995
2.000
2.005
V
−40°C < TA < +85°C
31
μV/°C
Output Current
Sourcing only
0
20
mA
IREF5
25°C
100
nA
−40°C < TA < +85°C
−70
pA/°C
PHOTODIODE BIAS
IMON pin; IMON = 1.1 × INUM
Midrange Value
At a photodiode current = INUM = 100 nA
110
nA
Maximum Value
At INUM = 1 mA (RS ≤ 100 Ω), RMNTR = 10 × RS
(RS = photodiode series resistance)
10.5
11
11.5
mA
IMON Compliance
0
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com