Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADL5304
Data Sheet
Rev. 0 | Page 18 of 32
Decibel Scaling
When signal power is expressed in decibels above a reference level
(for example, dBm, when the reference is 1 mW), logarithmic
conversion has already been implicitly performed. Therefore, the
log ratio in the previous expressions becomes a simple difference.
Be careful in assigning variable names, because P is often used to
denote actual power as well as this same power expressed in
decibels. These are very different quantities. Misunderstandings
can be avoided by using D to denote decibel powers.
When VY (the volts/decade ) is converted to its decibel value,
= VY/10 (because there are 10 dB per decade in the context
of a power measurement), it can be written
′
Y
V
VLOG = 20 mV(DOPT − DZ)
(13)
where:
DOPT is the optical power expressed in decibels above a reference
level.
DZ denotes the equivalent intercept power relative to the same level.
Using the previous example and assuming a reference power
of 1 mW, a POPT of 12.5 μW corresponds to a DOPT of
10 log10(12.5 μW/1 mW) = −19.03 dBm; the equivalent intercept
power of 3.95 fW corresponds to a DZ of −114.03 dBm. Therefore,
VLOG = 20 mV{−19.03 − (−114.03)} = 1.900 V
(14)
the same result calculated with Equation 12.
CIRCUIT DESCRIPTION
The ADL5304 addresses a wide variety of interfacing conditions
to meet the needs of fiber optic supervisory systems, as well as
many nonoptical applications. This section explains the general
structure of this log amp. The ADL5304 is an order of magnitude
faster than any previous log amp that Analog Devices, Inc., has
made, through careful FET amp design; the key limitation in
the speed at low currents.
Figure 45 is a simplified schematic of the front-end section of
the ADL5304. The numerator current, INUM, is received at the
INUM pin. The voltage at this node is equal to that on the two
adjacent guard pins, VSM2 and IDEN, differing only by the offset
voltage of the JFET op amp that supports the operation of the
Translinear Device Q1 that converts the INUM current to a
logarithmic voltage. VSM2 is needed to provide the collector-
emitter bias for Q1, and it is preset to 1.5 V via the external
connection to Pin 1P5V.
MONITOR AND
PD BIAS
(1.1× INUM)
2
3
4
5
6
8
7
30
31
26
VSM1
VSM2
RMNTR
32
VSM4
VSM3
IREF
IDEN
INUM
100nA
Q2
Q1
Q3
1.5V
1.5V
10
9
VDEN
INDN
VNUM
IMON
INNM
1P5V
1.5V
VREF
TEMP
COMP
VNUM
ILOG
VDEN
SHIELD
SHIELD
PD
Figure 45. Simplified Front-End Schematic
In conventional translinear log amps, the collector and base of
Q1 are both held at ground potential, this is not possible in a
single-supply part.
A second transistor, Q2, operates at a collector current of IDEN.
In most applications, this is the reference of IREF = 100 nA,
supplied internally and laser trimmed.
The difference between the two VBEs with Q1 accepting a
photodiode current of INUM = IPD is
VBE1 − VBE2 = VT log10(IPD/IREF)
(15)
By adding an accurate PTAT voltage of magnitude,
VOFS = VT log10(IREF/IZ) = 1.500 V
(16)
resulting in
VBE1 − VBE2 + VOFS = VT [log10(IPD/IREF) + log10(IREF/IZ)]
= (kT/q) log10(IPD/IZ)
(17)
The temperature variation of kT/q is then eliminated by an
analog divider that essentially puts a variable proportional to
temperature underneath the T in Equation 17 and raising the
magnitude of kT/q to a stable value of 0.2 V. Therefore, for
photodiode applications,
VLOG = 0.2 V log10(IPD/IZ)
(18)
When the VSM1to VSM4, DCBI, and INPS pins are tied to
ground and VNEG < −2 V, the offset (VOFS) is removed, leaving
the more general form.
VLOG = 0.2 V log10(INUM/IDEN)
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com