Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1853
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1853 Datasheet HTML 9Page - Analog Devices ADP1853 Datasheet HTML 10Page - Analog Devices ADP1853 Datasheet HTML 11Page - Analog Devices ADP1853 Datasheet HTML 12Page - Analog Devices ADP1853 Datasheet HTML 13Page - Analog Devices ADP1853 Datasheet HTML 14Page - Analog Devices ADP1853 Datasheet HTML 15Page - Analog Devices ADP1853 Datasheet HTML 16Page - Analog Devices ADP1853 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADP1853
Rev. 0 | Page 13 of 28
SYNCHRONIZATION
The switching frequency of the ADP1853 can be synchronized
to an external clock signal by connecting it to the SYNC pin.
The internal oscillator frequency, programmed by the resistor at
the FREQ pin must be set close to the external clock frequency;
therefore, the external clock frequency may vary between 0.85×
and 1.3× of the internal clock set. The resulting switching
frequency is 1× of the external SYNC frequency. When
synchronized, the ADP1853 operates in PWM.
When an external clock is detected at the first SYNC edge, the
internal oscillator is reset, and the clock control shifts to SYNC.
The SYNC edges then trigger subsequent clocking of the PWM
outputs. The DH rising edge appears approximately 100 ns after
the corresponding SYNC edge, and the frequency is locked to
the external signal. If the external SYNC signal disappears
during operation, the ADP1853 reverts to its internal oscillator.
When the SYNC function is used, it is recommended to connect a
pull-up resistor from SYNC to VCCO so that when the SYNC
signal is lost, the ADP1853 continues to operate in PWM.
PWM OR PULSE SKIP MODE OF OPERATION
The SYNC pin is a multifunctional pin. PWM mode is enabled
when SYNC is connected to VCCO or a high logic. With SYNC
connected to ground or left floating, pulse skip mode is
enabled. Switching SYNC from low to high or high to low on
the fly causes the controller to transition from forced PWM
to pulse skip mode or from pulse skip mode to forced PWM,
respectively, in two clock cycles.
Table 5. Mode of Operation
SYNC Pin
Mode of Operation
Low
Pulse skip mode
High
Forced PWM
No Connect
Pulse skip mode
Clock Signal
Forced PWM
The ADP1853 has pulse skip sensing circuitry that allows the
controller to skip PWM pulses, reducing the switching
frequency at light loads and, therefore, maintaining better
efficiency during a light load operation. The resulting output
ripple is larger than that of the fixed frequency forced PWM.
Figure 18 shows the ADP1853 operating in PSM under a light
load. Pulse skip frequency under a light load is dependent on
the inductor, output capacitance, output load, and input and
output voltages.
Figure 18. Example of Pulse Skip Mode Under a Light Load
When the output load is greater than the pulse skip threshold
current, that is, when VCOMP reaches the threshold of 0.9 V, the
ADP1853 exits the pulse skip mode of operation and enters
the fixed frequency discontinuous conduction mode (DCM),
as shown in Figure 19. When the load increases further, the
ADP1853 enters continuous conduction mode (CCM).
Figure 19. Example of Discontinuous Conduction Mode (DCM) Waveform
In forced PWM, the ADP1853 always operates in CCM at any
load; therefore, the inductor current is always continuous.
CLKOUT SIGNAL
The ADP1853 has a clock output, CLKOUT, which can be
used for synchronizing other ADP1853 controllers, thus
eliminating the need for an external clock source. The
CLKOUT frequency is 1× the internal oscillator frequency,
fOSC, and is 180° out of phase.
CH2 200mV
CH1 10V
M200µs
A CH1
7.8V
1
3
4
2
CH3 20mV
CH4 2A
Ω
SW
COMP (CH2)
VOUT RIPPLE
INDUCTOR
CURRENT
CH2 5V
CH1 10V
M1µs
A CH1
13.4V
1
3
4
2
CH3 20mV
CH4 2A
Ω
DH
DL
OUTPUT
RIPPLE
INDUCTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com