Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1853
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1853 Datasheet HTML 17Page - Analog Devices ADP1853 Datasheet HTML 18Page - Analog Devices ADP1853 Datasheet HTML 19Page - Analog Devices ADP1853 Datasheet HTML 20Page - Analog Devices ADP1853 Datasheet HTML 21Page - Analog Devices ADP1853 Datasheet HTML 22Page - Analog Devices ADP1853 Datasheet HTML 23Page - Analog Devices ADP1853 Datasheet HTML 24Page - Analog Devices ADP1853 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADP1853
Rev. 0 | Page 21 of 28
Because CHF << CI, calculate CHF as follows:
Z
SW
HF
R
f
C
π
=
1
(9)
Next, calculate the feedforward capacitor, CFF, assuming RFF <<
RTOP:
SW
FF
FF
f
C
R
π
=
1
(10)
Check that the calculated component values are reasonable.
For instance, capacitors smaller than about 10 pF should be
avoided. In addition, RZ values less than 3 kΩ and CI values
greater than 10 nF should be avoided. If necessary, recalculate
the compensation network with a different starting value for
RTOP. If RZ is too small or CI is too big, start with a larger value
for RTOP. This compensation technique should yield a good
working solution.
When precise compensation is needed, use the ADIsimPower
design tool.
LOOP COMPENSATION—CURRENT MODE
Compensate the ADP1853 error voltage loop in current mode
using Type II compensation.
Setting the Slope Compensation
In a current-mode control topology, slope compensation is
needed to prevent subharmonic oscillations in the inductor
current and to maintain a stable output. The external slope
compensation is implemented by summing the amplified sense
signal and a scaled voltage at the RAMP pin. To set the effective
slope compensation, connect a resistor (RRAMP) between the
RAMP pin and the input voltage (VIN). RRAMP is calculated by
CS
CS
RAMP
R
A
L
R
×
×
×
=
6
10
7
where:
L is the inductor value measured in µH.
RCS (mΩ) is resistance of the current sense element between
CS and PGND (for instance, RDSON_MAX is the low-side MOSFET
maximum on resistance).
ACS is the current sense amplifier gain and is 3 V/V, 6 V/V,
or 12 V/V.
Thus, the voltage ramp amplitude, VRAMP, is:
RAMP
SW
IN
RAMP
R
f
V
V
×
×
−
=
pF
100
V
2
.
0
where 100 pF is the effective capacitance of the internal ramp
capacitor, CRAMP, with ±4% tolerance over the temperature and
VIN range.
The voltage at the RAMP pin is fixed at 0.2 V, and the current
going into RAMP should be between 10 µA and 160 µA. Make
sure that the following condition is satisfied:
μA
160
V
2
.
0
μA
10
≤
−
≤
RAMP
IN
R
V
For instance, with an input voltage of 12 V, RRAMP should not
exceed 1.1 MΩ. If the calculated RRAMP produces less than
10 µA, then select an RRAMP value that produces between
10 µA and 15 µA.
Figure 28 illustrates the connection of the slope compensation
resistor, RRAMP, and the current sense gain resistor, RCSG.
Figure 28. Slope Compensation and CS Gain Connection
ADP1853
DH
CS
ILIM
DL
RILIM
RCSG
RAMP
RRAMP
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com